Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16C54T-HS/SS Fiches technique(PDF) 204 Page - Microchip Technology

No de pièce PIC16C54T-HS/SS
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54T-HS/SS Fiches technique(HTML) 204 Page - Microchip Technology

Back Button PIC16C54T-HS/SS Datasheet HTML 200Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 201Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 202Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 203Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 204Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 205Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 206Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 207Page - Microchip Technology PIC16C54T-HS/SS Datasheet HTML 208Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 217 page
background image
PIC16C5X
DS30453B-page 204
Preliminary
© 1998 Microchip Technology Inc.
21.1
Package Marking Information
MMMMMMMMMMMMMMMMM
MMMMMMMMMMMMMMMMM
AABBCDE
18-Lead PDIP
28-Lead Skinny PDIP (.300")
AABBCDE
PIC16C56-
RCI/P456
9823 CBA
Example
Example
RCI/P456
9823 CBA
PIC16C55-
AABBCDE
28-Lead PDIP (.600")
XTI/P126
9842 CDA
Example
PIC16C55-
MMMMMMMMMMMMMMMMM
MMMMMMMMMMMMMMMMM
MMMMMMMMMMMMMMM
MMMMMMMMMMMMMMM
MMMMMMMMMMMMMMM
18-Lead SOIC
MMMMMMMMMMMM
AABBCDE
28-Lead SOIC
AABBCDE
MMMMMMMMMMMMMMMMMMMM
20-Lead SSOP
AABBCDE
MMMMMMMMMMM
Example
PIC16C54-
9818 CDK
XTI/S0218
Example
9815 CBK
PIC16C57-
Example
XTI/218
9820 CBP
PIC16C54
28-Lead SSOP
AABBCDE
MMMMMMMMMMMM
Example
9825 CBK
PIC16C57-
XT/SS123
MMMMMMMMMMMM
MMMMMMMMMMMM
MMMMMMMMMMMMMMMMMMMM
XT/SO
MMMMMMMMMMM
MMMMMMMMMMMM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More