Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16C54T-LPE/SS Fiches technique(PDF) 162 Page - Microchip Technology

No de pièce PIC16C54T-LPE/SS
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54T-LPE/SS Fiches technique(HTML) 162 Page - Microchip Technology

Back Button PIC16C54T-LPE/SS Datasheet HTML 158Page - Microchip Technology PIC16C54T-LPE/SS Datasheet HTML 159Page - Microchip Technology PIC16C54T-LPE/SS Datasheet HTML 160Page - Microchip Technology PIC16C54T-LPE/SS Datasheet HTML 161Page - Microchip Technology PIC16C54T-LPE/SS Datasheet HTML 162Page - Microchip Technology PIC16C54T-LPE/SS Datasheet HTML 163Page - Microchip Technology PIC16C54T-LPE/SS Datasheet HTML 164Page - Microchip Technology PIC16C54T-LPE/SS Datasheet HTML 165Page - Microchip Technology PIC16C54T-LPE/SS Datasheet HTML 166Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 217 page
background image
PIC16C5X
PIC16C54A/CR57B/C58A/CR58A
DS30453B-page 162
Preliminary
© 1998 Microchip Technology Inc.
FIGURE 18-6: TYPICAL IPD vs. VDD, WATCHDOG ENABLED (25
°C)
FIGURE 18-7: VTH (INPUT THRESHOLD VOLTAGE) OF I/O PINS vs. VDD
0.00
5.00
10.00
15.00
20.00
25.00
2.5
3
3.5
4
4.5
5
5.5
6
VDD(Volts)
2.00
1.80
1.60
1.40
1.20
1.00
2.5
3.0
3.5
4.0
4.5
5.0
VDD (Volts)
Min (–40
°C to +85
°C)
0.80
0.60
5.5
6.0
Max (–40
°C to +85
°C)
Typ (+25
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More