Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16C54-LPE/P Fiches technique(PDF) 152 Page - Microchip Technology

No de pièce PIC16C54-LPE/P
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LPE/P Fiches technique(HTML) 152 Page - Microchip Technology

Back Button PIC16C54-LPE/P Datasheet HTML 148Page - Microchip Technology PIC16C54-LPE/P Datasheet HTML 149Page - Microchip Technology PIC16C54-LPE/P Datasheet HTML 150Page - Microchip Technology PIC16C54-LPE/P Datasheet HTML 151Page - Microchip Technology PIC16C54-LPE/P Datasheet HTML 152Page - Microchip Technology PIC16C54-LPE/P Datasheet HTML 153Page - Microchip Technology PIC16C54-LPE/P Datasheet HTML 154Page - Microchip Technology PIC16C54-LPE/P Datasheet HTML 155Page - Microchip Technology PIC16C54-LPE/P Datasheet HTML 156Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 217 page
background image
PIC16C5X
PIC16CR58A
DS30453B-page 152
Preliminary
© 1998 Microchip Technology Inc.
17.6
Timing Parameter Symbology and Load Conditions
The timing parameter symbols have been created following one of the following formats:
1. TppS2ppS
2. TppS
T
F
Frequency
T
Time
Lowercase subscripts (pp) and their meanings:
pp
2
to
mc
MCLR
ck
CLKOUT
osc
oscillator
cy
cycle time
os
OSC1
drt
device reset timer
t0
T0CKI
io
I/O port
wdt
watchdog timer
Uppercase letters and their meanings:
S
F
Fall
P
Period
H
High
R
Rise
I
Invalid (Hi-impedance)
V
Valid
L
Low
Z
Hi-impedance
FIGURE 17-1: LOAD CONDITIONS - PIC16CR58A
CL
VSS
Pin
CL = 50 pF for all pins except OSC2
15 pF for OSC2 in XT, HS or LP
options when external clock
is used to drive OSC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More