| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16C54-LPE/P Fiches technique(PDF) 122 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C54-LPE/P Fiches technique(HTML) 122 Page - Microchip Technology |
|
122 / 217 page ![]() PIC16C5X PIC16CR57B DS30453B-page 122 Preliminary © 1998 Microchip Technology Inc. 15.4 DC Characteristics: PIC16CR57B-04, 10, 20, PIC16LCR57B-04 (Commercial) PIC16CR57B-04I, 10I, 20I, PIC16LCR57B-04I (Industrial) DC Characteristics All Pins Except Power Supply Pins Standard Operating Conditions (unless otherwise specified) Operating Temperature 0 °C ≤ TA ≤ +70°C (commercial) –40 °C ≤ TA ≤ +85°C (industrial) Operating Voltage VDD range is described in Section 15.1 and Section 15.3. Characteristic Sym Min Typ(1) Max Units Conditions Input Low Voltage I/O ports MCLR (Schmitt Trigger) T0CKI (Schmitt Trigger) OSC1 (Schmitt Trigger) OSC1 VIL VSS VSS VSS VSS VSS — — — — — 0.2 VDD 0.15 VDD 0.15 VDD 0.15 VDD 0.3 VDD V V V V V Pin at hi-impedance RC option only(4) XT, HS and LP options Input High Voltage I/O ports MCLR (Schmitt Trigger) T0CKI (Schmitt Trigger) OSC1 (Schmitt Trigger) OSC1 VIH 0.45 VDD 2.0 0.36 VDD 0.85 VDD 0.85 VDD 0.85 VDD 0.7 VDD — — — — — — — VDD VDD VDD VDD VDD VDD VDD V V V V V V V For all VDD(5) 4.0V < VDD ≤ 5.5V(5) VDD > 5.5V RC option only(4) XT, HS and LP options Hysteresis of Schmitt Trigger inputs VHYS 0.15VDD*— — V Input Leakage Current(3) I/O ports MCLR T0CKI OSC1 IIL –1.0 –5.0 –3.0 –3.0 — 0.5 0.5 0.5 +1.0 — +5.0 +3.0 +3.0 µA µA µA µA µA For VDD ≤ 5.5V VSS ≤ VPIN ≤ VDD, Pin at hi-impedance VPIN = VSS + 0.25V(2) VPIN = VDD(2) VSS ≤ VPIN ≤ VDD VSS ≤ VPIN ≤ VDD, XT, HS and LP options Output Low Voltage I/O ports OSC2/CLKOUT VOL — — — — 0.6 0.6 V V IOL = 8.7 mA, VDD = 4.5V IOL = 1.6 mA, VDD = 4.5V, RC option only Output High Voltage(3) I/O ports OSC2/CLKOUT VOH VDD –0.7 VDD –0.7 — — — — V V IOH = –5.4 mA, VDD = 4.5V IOH = –1.0 mA, VDD = 4.5V, RC option only * These parameters are characterized but not tested. Note 1: Data in the Typical (“Typ”) column is based on characterization results at 25 °C. This data is for design guidance only and is not tested. 2: The leakage current on the MCLR/VPP pin is strongly dependent on the applied voltage level. The specified levels represent normal operating conditions. Higher leakage current may be measured at different input voltage. 3: Negative current is defined as coming out of the pin. 4: For the RC option, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the PIC16C5X be driven with external clock in RC mode. 5: The user may use the better of the two specifications. |