Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16C925-S/CL Fiches technique(PDF) 163 Page - Microchip Technology

No de pièce PIC16C925-S/CL
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925-S/CL Fiches technique(HTML) 163 Page - Microchip Technology

Back Button PIC16C925-S/CL Datasheet HTML 159Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 160Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 161Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 162Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 163Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 164Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 165Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 166Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 167Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 182 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS39544A-page 161
PIC16C925/926
17.0
PACKAGING INFORMATION
17.1
Package Marking Information
64-Lead TQFP
XXXXXXXXXX
YYWWNNN
XXXXXXXXXX
XXXXXXXXXX
Example
-I/PT
0010017
PIC16C925
Legend:
XX...X
Customer specific information*
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard OTP marking consists of Microchip part number, year code, week code and traceability code.
For OTP marking beyond this, certain price adders apply. Please check with your Microchip Sales Office.
For QTP devices, any special marking adders are included in QTP price.
68-Lead PLCC
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
YYWWNNN
Example
PIC16C926/L
0010017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More