Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMBJ33A Fiches technique(PDF) 7 Page - Micro Commercial Components

No de pièce SMBJ33A
Description  Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMBJ33A Fiches technique(HTML) 7 Page - Micro Commercial Components

  SMBJ33A Datasheet HTML 1Page - Micro Commercial Components SMBJ33A Datasheet HTML 2Page - Micro Commercial Components SMBJ33A Datasheet HTML 3Page - Micro Commercial Components SMBJ33A Datasheet HTML 4Page - Micro Commercial Components SMBJ33A Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 5 page
background image
SMBJ5.0C(A) thru SMBJ170C(A)
Electrical Characteristics @ 25oC Unless Otherwise Specified
REVERSE
STAND-OFF
VOLTAGE
VWM
BREAKDOWN VOLTAGE
V(BR) @IT
(VOLTS)
MAXIMUM
CLAMPING
VOLTAGE@IPP
PEAK PULSE
CURRENT
IPP
MAXIMUM
REVERSE
LEAKAGE
@VWM
ID
MCC PART
NUMBER
VOLTS
MIN
MAX
IT(mA)
VOLTS
(AMPS)
(uA)
MARKING
CODE
MCC
www.mccsemi.com
SMBJ28C
28
31.1
38.0
1
50.0
12.0
5
CF
SMBJ28CA
28
31.1
34.4
1
45.4
13.2
5
CG
SMBJ30C
30
33.3
40.7
1
53.5
11.2
5
CH
SMBJ30CA
30
33.3
36.8
1
48.4
12.4
5
CK
SMBJ33C
33
36.7
44.9
1
59.0
10.2
5
CL
SMBJ33CA
33
36.7
40.6
1
53.3
11.3
5
CM
SMBJ36C
36
40.0
48.9
1
64.3
9.3
5
CN
SMBJ36CA
36
40.0
44.2
1
58.1
10.3
5
CP
SMBJ40C
40
44.4
54.3
1
71.4
8.4
5
CQ
SMBJ40CA
40
44.4
49.1
1
64.5
9.3
5
CR
SMBJ43C
43
47.8
58.4
1
76.7
7.8
5
CS
SMBJ43CA
43
47.8
52.8
1
69.4
8.6
5
CT
SMBJ45C
45
50.0
61.1
1
80.3
7.5
5
CU
SMBJ45CA
45
50.0
55.3
1
72.7
8.3
5
CV
SMBJ48C
48
53.3
65.1
1
85.5
7.0
5
CW
SMBJ48CA
48
53.3
58.9
1
77.4
7.7
5
CX
SMBJ51C
51
56.7
69.3
1
91.1
6.6
5
CY
SMBJ51CA
51
56.7
62.7
1
82.4
7.3
5
CZ
SMBJ54C
54
60.0
73.3
1
96.3
6.2
5
DD
SMBJ54CA
54
60.0
66.3
1
87.1
6.9
5
DE
SMBJ58C
58
64.4
78.7
1
103
5.8
5
DF
SMBJ58CA
58
64.4
71.2
1
93.6
6.4
5
DG
SMBJ60C
60
66.7
81.5
1
107
5.6
5
DH
SMBJ60CA
60
66.7
73.7
1
96.8
6.2
5
DK
SMBJ64C
64
71.1
86.9
1
114
5.3
5
DL
SMBJ64CA
64
71.1
78.6
1
103
5.8
5
DM
SMBJ70C
70
77.8
95.1
1
125
4.8
5
DN
SMBJ70CA
70
77.8
86.0
1
113
5.3
5
DP
SMBJ75C
75
83.3
102
1
134
4.5
5
DQ
SMBJ75CA
75
83.3
92.1
1
121
4.9
5
DR
SMBJ78C
78
86.7
106
1
139
4.3
5
DS
SMBJ78CA
78
86.7
95.8
1
126
4.7
5
DT
SMBJ85C
85
94.4
115
1
151
3.9
5
DU
SMBJ85CA
85
94.4
104
1
137
4.4
5
DV
SMBJ90C
90
100
122
1
160
3.8
5
DW
SMBJ90CA
90
100
111
1
146
4.1
5
DX
SMBJ100C
100
111
136
1
179
3.4
5
DY
SMBJ100CA
100
111
123
1
162
3.7
5
DZ
SMBJ110C
110
122
149
1
196
3.0
5
ED
SMBJ110CA
110
122
135
1
177
3.4
5
EE
SMBJ120C
120
133
163
1
214
2.8
5
EF
SMBJ120CA
120
133
147
1
193
3.1
5
EG



Html Pages

1 2 3 4 5