Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

510PR2C Fiches technique(PDF) 6 Page - HB Electronic Components

No de pièce 510PR2C
Description  Single color
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HB [HB Electronic Components]
Site Internet  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

510PR2C Fiches technique(HTML) 6 Page - HB Electronic Components

  510PR2C Datasheet HTML 1Page - HB Electronic Components 510PR2C Datasheet HTML 2Page - HB Electronic Components 510PR2C Datasheet HTML 3Page - HB Electronic Components 510PR2C Datasheet HTML 4Page - HB Electronic Components 510PR2C Datasheet HTML 5Page - HB Electronic Components 510PR2C Datasheet HTML 6Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
Part No./型号:510PR2C
www.ledz.com
6/6
LED SPECIFICATION
Static Electricity/静电
1. Static Electricity or power surge will damage the LED.
It is recommended that a wrist band or an anti-electrostatic glove be used when handling the LEDs.
静电或激增电压将损害 LED。
建议使用发光二极管时佩戴手腕带或防静电手套。
2. All production machinery and test instruments must be electrically grounded.
所有的生产机器和检测仪器,必须接地。
3. Maintain a humidity level of 50% or higher in production areas.
生产现场湿度必须保持在50%或者更高。
4. Use anti-static packaging for transport and storage.
使用防静电包装,运输和储存。
Notes/备注
1. This datasheet will be update regularly, if there comes out any changes, pls confirmed by the latest
datasheet.
以上规格书会定期进行更新,如有改动,以最新规格书为准。
2. When using this product, please observe the absolute maximum ratings and the instructions for
using outlined in these specification sheets. HEBEI assumes no responsibility for any damage
resulting from use of the product which does not comply with the absolute maximum ratings and the
instructions included in these specification sheets.
在使用本产品时,请注意参考规格书中的最大额定值和使用说明,如果没有遵照产品规格书中
的最大额定值以及使用说明而产生的不良后果,不在赫备承诺范围之内。


Numéro de pièce similaire - 510PR2C

FabricantNo de pièceFiches techniqueDescription
logo
HB Electronic Component...
510PG2C HB-510PG2C Datasheet
664Kb / 9P
LED
510PY9C HB-510PY9C Datasheet
146Kb / 9P
LED
More results

Description similaire - 510PR2C

FabricantNo de pièceFiches techniqueDescription
logo
HB Electronic Component...
530PWC HB-530PWC Datasheet
1Mb / 11P
Single color
530XR2C HB-530XR2C Datasheet
67Kb / 3P
Single color
7511PG2D-SB HB-7511PG2D-SB Datasheet
133Kb / 6P
Single color
105XR2D HB-105XR2D Datasheet
207Kb / 3P
Single color
515XWO4C HB-515XWO4C Datasheet
516Kb / 3P
Single color
825MR2C HB-825MR2C Datasheet
386Kb / 6P
Single color
825MY8C HB-825MY8C Datasheet
357Kb / 6P
Single color
3751MR2D-SB HB-3751MR2D-SB Datasheet
130Kb / 6P
Single color
3751PG2D-SB HB-3751PG2D-SB Datasheet
133Kb / 6P
Single color
05W580EW6C HB-05W580EW6C Datasheet
1Mb / 8P
Single color
LED-530LB5C HB-LED-530LB5C Datasheet
157Kb / 9P
Single color
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com