Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

510PR2C Fiches technique(PDF) 4 Page - HB Electronic Components

No de pièce 510PR2C
Description  Single color
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HB [HB Electronic Components]
Site Internet  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

510PR2C Fiches technique(HTML) 4 Page - HB Electronic Components

  510PR2C Datasheet HTML 1Page - HB Electronic Components 510PR2C Datasheet HTML 2Page - HB Electronic Components 510PR2C Datasheet HTML 3Page - HB Electronic Components 510PR2C Datasheet HTML 4Page - HB Electronic Components 510PR2C Datasheet HTML 5Page - HB Electronic Components 510PR2C Datasheet HTML 6Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
Part No./型号:510PR2C
www.ledz.com
4/6
LED SPECIFICATION
Lead Forming/成形
1. Any lead forming or bending must be done before soldering.
支架成形必须在焊接前完成。
2. When forming leads, there must be a minimum of 2mm clearance between the base of the LED lens
and the lead bend.
必需离胶体 2 毫米才能折弯支架。
3. Avoid bending the leads at the same point more than once.
避免在管脚同一位置两次或多次弯。
4. During assembly onto PCB, the lead pitch of the LED must match the pitch of the mounting holes
on the PCB during component placement.
支架成形需保证引脚和间距与线路板上一致。
Soldering Condition/焊接条件
Careful attention should be paid during soldering. When soldering, leave more then 2mm from solder
joint to case, and soldering beyond the base of the tie bar is recommended.
焊接时请特别注意,焊接点要离LED封装体底部2mm以上。
Avoiding applying any stress to the lead frame while the LEDs are at high temperature particularly
when soldering.
在 LED 处于高温,特别是在焊接时,请避免对支架施压。


Numéro de pièce similaire - 510PR2C

FabricantNo de pièceFiches techniqueDescription
logo
HB Electronic Component...
510PG2C HB-510PG2C Datasheet
664Kb / 9P
LED
510PY9C HB-510PY9C Datasheet
146Kb / 9P
LED
More results

Description similaire - 510PR2C

FabricantNo de pièceFiches techniqueDescription
logo
HB Electronic Component...
530PWC HB-530PWC Datasheet
1Mb / 11P
Single color
530XR2C HB-530XR2C Datasheet
67Kb / 3P
Single color
7511PG2D-SB HB-7511PG2D-SB Datasheet
133Kb / 6P
Single color
105XR2D HB-105XR2D Datasheet
207Kb / 3P
Single color
515XWO4C HB-515XWO4C Datasheet
516Kb / 3P
Single color
825MR2C HB-825MR2C Datasheet
386Kb / 6P
Single color
825MY8C HB-825MY8C Datasheet
357Kb / 6P
Single color
3751MR2D-SB HB-3751MR2D-SB Datasheet
130Kb / 6P
Single color
3751PG2D-SB HB-3751PG2D-SB Datasheet
133Kb / 6P
Single color
05W580EW6C HB-05W580EW6C Datasheet
1Mb / 8P
Single color
LED-530LB5C HB-LED-530LB5C Datasheet
157Kb / 9P
Single color
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com