Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JANTX2N6847 Fiches technique(PDF) 1 Page - International Rectifier

No de pièce JANTX2N6847
Description  Repetitive Avalanche Ratings
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

JANTX2N6847 Fiches technique(HTML) 1 Page - International Rectifier

  JANTX2N6847_15 Datasheet HTML 1Page - International Rectifier JANTX2N6847_15 Datasheet HTML 2Page - International Rectifier JANTX2N6847_15 Datasheet HTML 3Page - International Rectifier JANTX2N6847_15 Datasheet HTML 4Page - International Rectifier JANTX2N6847_15 Datasheet HTML 5Page - International Rectifier JANTX2N6847_15 Datasheet HTML 6Page - International Rectifier JANTX2N6847_15 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = -10V, TC = 25°C
Continuous Drain Current
-2.5
ID @ VGS = -10V, TC = 100°C Continuous Drain Current
-1.6
IDM
Pulsed Drain Current ➀
-10
PD @ TC = 25°C
Max. Power Dissipation
2 0
W
Linear Derating Factor
0.16
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
180
mJ
IAR
Avalanche Current ➀
—A
EAR
Repetitive Avalanche Energy ➀
—mJ
dv/dt
Peak Diode Recovery dv/dt ➂
-5.0
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063 in. (1.6mm) from case for 10s)
Weight
0.98(typical)
g
PD - 90553C
The HEXFET
technology is the key to International
Rectifier’s advanced line of power MOSFET transistors.
The efficient geometry and unique processing of this latest
“State of the Art” design achieves: very low on-state resis-
tance combined with high transconductance.
The HEXFET transistors also feature all of the well
established advantages of MOSFETs such as volt-
age control, very fast switching, ease of parelleling
and temperature stability of the electrical parameters.
They are well suited for applications such as switch-
ing power supplies, motor controls, inverters, chop-
pers, audio amplifiers and high energy pulse circuits.
o C
A
01/22/01
www.irf.com
1
TO-39
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRFF9220
-200V
1.5
-2.5A
Features:
n Repetitive Avalanche Ratings
n Dynamic dv/dt Rating
n Hermetically Sealed
n Simple Drive Requirements
n Ease of Paralleling
For footnotes refer to the last page
IRFF9220
REPETITIVE AVALANCHE AND dv/dt RATED
JANTX2N6847
HEXFET
TRANSISTORS
JANTXV2N6847
THRU-HOLE (TO-205AF)
REF:MIL-PRF-19500/563
200V, P-CHANNEL


Numéro de pièce similaire - JANTX2N6847_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
JANTX2N6847U IRF-JANTX2N6847U Datasheet
137Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
More results

Description similaire - JANTX2N6847_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
JANTX2N6784 IRF-JANTX2N6784_15 Datasheet
191Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6790 IRF-JANTX2N6790_15 Datasheet
199Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6796 IRF-JANTX2N6796_15 Datasheet
134Kb / 7P
   Repetitive Avalanche Ratings
IRF140 IRF-IRF140_15 Datasheet
147Kb / 7P
   Repetitive Avalanche Ratings
IRF240 IRF-IRF240_15 Datasheet
150Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6768 IRF-JANTX2N6768_15 Datasheet
148Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6758 IRF-JANTX2N6758_15 Datasheet
151Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6764 IRF-JANTX2N6764_15 Datasheet
153Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6800 IRF-JANTX2N6800_15 Datasheet
196Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6851 IRF-JANTX2N6851_15 Datasheet
248Kb / 7P
   Repetitive Avalanche Ratings
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com