![]() |
Moteur de recherche de fiches techniques de composants électroniques |
|
MAX232 Fiches technique(PDF) 4 Page - Maxim Integrated Products |
|
|
MAX232 Fiches technique(HTML) 4 Page - Maxim Integrated Products |
4 / 25 page ![]() 4 ______________________________________________________________________________________ ±15kV ESD-Protected, +5V RS-232 Transceivers __________________________________________Typical Operating Characteristics (Typical Operating Circuits, VCC = +5V, TA = +25°C, unless otherwise noted.) 5.0 0 MAX232E TRANSMITTER OUTPUT VOLTAGE vs. LOAD CAPACITANCE LOAD CAPACITANCE (pF) 5.5 6.0 6.5 7.0 7.5 8.0 1000 2000 3000 4000 5000 VCC = 5.5V ALL TRANSMITTERS LOADED DATA RATE = 120kbps RL = 3kΩ VCC = 4.5V VCC = 5.0V 5.0 0 MAX202E/MAX203E TRANSMITTER OUTPUT VOLTAGE vs. LOAD CAPACITANCE LOAD CAPACITANCE (pF) 5.5 6.0 6.5 7.0 7.5 8.0 1000 2000 3000 4000 5000 VCC = 5.5V VCC = 4.5V VCC = 5.0V ALL TRANSMITTERS LOADED DATA RATE = 120kbps RL = 3kΩ 5.0 0 MAX241E TRANSMITTER OUTPUT VOLTAGE vs. LOAD CAPACITANCE LOAD CAPACITANCE (pF) 5.5 6.0 6.5 7.0 7.5 8.0 1000 2000 3000 4000 5000 VCC = 4.5V VCC = 5.5V VCC = 5.0V ALL TRANSMITTERS LOADED DATA RATE = 120kbps RL = 3kΩ 5.0 0 MAX211E/MAX213E TRANSMITTER OUTPUT VOLTAGE vs. LOAD CAPACITANCE LOAD CAPACITANCE (pF) 5.5 6.0 6.5 7.0 7.5 8.0 1000 2000 3000 4000 5000 VCC = 4.5V VCC = 5.5V VCC = 5.0V ALL TRANSMITTERS LOADED DATA RATE = 120kbps RL = 3kΩ 0 0 MAX211E/MAX213E/MAX241E TRANSMITTER SLEW RATE vs. LOAD CAPACITANCE LOAD CAPACITANCE (pF) 5 10 15 20 25 30 1000 2000 3000 4000 5000 +SLEW RATE -SLEW RATE ALL TRANSMITTERS LOADED DATA RATE = 120kbps RL = 3kΩ |
Numéro de pièce similaire - MAX232 |
|
Description similaire - MAX232 |
|
|
Lien URL |