| Moteur de recherche de fiches techniques de composants électroniques |
|
M30622ECTFP Fiches technique(PDF) 108 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M30622ECTFP Fiches technique(HTML) 108 Page - Mitsubishi Electric Semiconductor |
|
108 / 184 page ![]() 108 Tentative Specifications REV.A Mitsubishi microcomputers M16C / 62T Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Specifications in this manual are tentative and subject to change. Under development Timers’ functions for three-phase motor control Figure 1.18.7. Timing chart of operation (2) Timer A4 output Trigger signal for timer Ai start (timer B2 overflow signal) Timer B2 U phase Dead time A carrier wave of triangular waveform Carrier wave Signal wave Rewriting timer A4 every timer B2 interrupt occurres. U phase output signal m nn mp o Note: Set to triangular wave modulation mode and to three-phase mode 0. Control signal for timer A4 reload m U phase U phase output signal Timer B2 interrupt occurres. Rewriting three-phase buffer register. Assigning certain values to DU0 (bit 0 at 034A16) and DUB0 (bit 1 at 034A16), and to DU1 (bit 0 at 034B16) and DUB1 (bit 1 at 034B16) allows the user to output the waveforms as shown in Figure 1.18.7, that is, to ___ ___ output the U phase alone, to fix U phase to “H”, to fix the U phase to “H,” or to output the U phase alone. |