Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LT1469 Fiches technique(PDF) 7 Page - Linear Technology

No de pièce LT1469
Description  Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LT1469 Fiches technique(HTML) 7 Page - Linear Technology

Back Button LT1469 Datasheet HTML 3Page - Linear Technology LT1469 Datasheet HTML 4Page - Linear Technology LT1469 Datasheet HTML 5Page - Linear Technology LT1469 Datasheet HTML 6Page - Linear Technology LT1469 Datasheet HTML 7Page - Linear Technology LT1469 Datasheet HTML 8Page - Linear Technology LT1469 Datasheet HTML 9Page - Linear Technology LT1469 Datasheet HTML 10Page - Linear Technology LT1469 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LT1469
7
1469fa
TYPICAL PERFORMANCE CHARACTERISTICS
Distribution of Input Offset
Voltage
Distribution of Inverting Input
Bias Current
Supply Current vs Supply Voltage
and Temperature
Input Noise Spectral Density
0.1Hz to 10Hz Voltage Noise
Total Noise vs Unmatched
Source Resistance
Input Bias Current
vs Temperature
Input Bias Current
vs Input Common Mode Voltage
Input Common Mode Range
vs Supply Voltage
INPUT OFFSET VOLTAGE (μV)
–175 –125 –75
–25
25
75
125
175
50
40
30
20
10
0
1469 G01
VS = ±15V
TA = 25°C
INVERTING INPUT BIAS CURRENT (nA)
–10 –7.5
–5
–2.5
0
2.5
5
7.5
10
40
30
20
10
0
1469 G02
VS = ±15V
TA = 25°C
SUPPLY VOLTAGE (±V)
0
1469 G03
5
10
15
20
6
5
4
3
2
1
85°C
25°C
–40°C
FREQUENCY (Hz)
1
1
100
1000
10
100
1k
10k
100k
1469 G04
10
0.01
1
in
en
10
0.1
VS = ±15V
TA = 25°C
AV = 101
RS = 100k FOR in
TIME (1s/DIV)
1469 G05
VS = ±15V
TA = 25°C
SOURCE RESISTANCE, RS (Ω)
1
10
10
1k
10k
100k
1469 G06
0.1
100
100
VS = ±15V
TA = 25°C
f = 10kHz
TOTAL
NOISE
RESISTOR
NOISE ONLY
RS
+
TEMPERATURE (°C)
–50
0
10
IB
IB
+
30
25
75
1469 G07
–10
–20
–25
0
50
100
125
–30
–40
20
VS = ±15V
INPUT COMMON MODE VOLTAGE (V)
–15
–20
0
20
0
10
1469 G08
–40
–60
–80
–10
–5
5
40
IB
IB
+
60
80
15
VS = ±15V
TA = 25°C
SUPPLY VOLTAGE (±V)
0
V
1.0
2.0
–2.0
3
6
912
1469 G09
15
–1.0
0.5
1.5
–1.5
V+
–0.5
18
TA = 25°C
ΔVOS < 100μV


Numéro de pièce similaire - LT1469

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT1469 LINER-LT1469 Datasheet
285Kb / 24P
Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LT1469 LINER-LT1469 Datasheet
238Kb / 20P
Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
LT1469 LINER-LT1469 Datasheet
190Kb / 12P
Dual 200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp
LT1469 LINER-LT1469 Datasheet
2Mb / 20P
Dual 90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1469 LINER-LT1469 Datasheet
999Kb / 26P
16-Bit, 250ksps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
More results

Description similaire - LT1469

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT1468 LINER-LT1468 Datasheet
304Kb / 12P
90MHz, 22V/us 16-Bit Accurate Operational Amplifier
LT1469 LINER-LT1469_15 Datasheet
2Mb / 20P
Dual 90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1468 LINER-LT1468_15 Datasheet
228Kb / 16P
90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1469 LINER-LT1469_1 Datasheet
238Kb / 20P
Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
LT1468 LINER-LT1468_1 Datasheet
215Kb / 16P
90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
LT1468 LINER-LT1468_09 Datasheet
223Kb / 16P
16-Bit Accurate Operational Amplifi er
logo
Burr-Brown (TI)
OPA300 BURR-BROWN-OPA300 Datasheet
302Kb / 15P
Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2300 TI-OPA2300 Datasheet
498Kb / 19P
Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1813 LINER-LT1813 Datasheet
204Kb / 12P
Dual 3mA, 100MHz, 750V/us Operational Amplifier
LT1220 LINER-LT1220 Datasheet
290Kb / 8P
45MHz, 250V/us Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com