Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LT1469 Fiches technique(PDF) 10 Page - Linear Technology

No de pièce LT1469
Description  Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LT1469 Fiches technique(HTML) 10 Page - Linear Technology

Back Button LT1469 Datasheet HTML 4Page - Linear Technology LT1469 Datasheet HTML 5Page - Linear Technology LT1469 Datasheet HTML 6Page - Linear Technology LT1469 Datasheet HTML 7Page - Linear Technology LT1469 Datasheet HTML 8Page - Linear Technology LT1469 Datasheet HTML 9Page - Linear Technology LT1469 Datasheet HTML 10Page - Linear Technology LT1469 Datasheet HTML 11Page - Linear Technology LT1469 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LT1469
10
1469fa
TYPICAL PERFORMANCE CHARACTERISTICS
Power Supply Rejection Ratio
vs Frequency
Common Mode Rejection Ratio
vs Frequency
Channel Separation
vs Frequency
Undistorted Output Swing
vs Frequency, VS = ± 5V
Undistorted Output Swing
vs Frequency, VS = ± 15V
Output Impedance vs Frequency
Total Harmonic Distortion
vs Frequency
Total Harmonic Distortion + Noise
vs Amplitude
Warm-Up Drift vs Time
FREQUENCY (Hz)
100
60
80
100
100k
10M
1469 G28
40
20
0
1k
10k
1M
120
140
160
100M
–PSRR
+PSRR
VS = ±15V
TA = 25°C
RL = 2k
FREQUENCY (Hz)
100
0
20
40
60
80
120
1k
10k
100k
1M
1469 G29
10M
100M
100
VS = ±15V
TA = 25°C
RL = 2k
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
100M
140
120
100
80
60
40
20
0
1469 G30
VS = ±15V
TA = 25°C
RL = 2k
FREQUENCY (kHz)
1
4
5
6
7
8
10
100
1000
1469 G31
3
2
1
0
9
10
VS = ±5V
TA = 25°C
RL = 2k
THD < 1%
AV = 1
AV = –1
FREQUENCY (kHz)
1
0
20
25
30
10
100
1000
1469 G32
15
10
5
AV = 1
AV = –1
VS = ±15V
TA = 25°C
RL = 2k
THD < 1%
FREQUENCY (Hz)
0.01
0.1
1
10
100
10k
1M
10M
100M
1469 G33
0.001
100k
VS = ±15V
TA = 25°C
AV = 100
AV = 10
AV = 1
FREQUENCY (Hz)
100
1k
10k
100k
1469 G34
–80
–90
–100
–110
–120
–130
VS = ±15V
AV = 2
RL = 2k
VOUT = 10VP-P
OUTPUT SIGNAL (VRMS)
0.01
–110
–70
–60
–50
0.1
1
10
1469 G35
–80
–90
–100
VS = ±15V
VS = ±5V
TA = 25°C
AV = 1
RL = 600Ω
f = 10kHz
NOISE BW = 80kHz
TIME AFTER POWER UP (s)
0
20
40
60
80
100
120
140
10
0
–10
–20
–30
–40
–50
–60
–70
–80
1469 G36
S0-8 ±15V
N8 ±5V
S0-8 ±5V
N8 ±15V


Numéro de pièce similaire - LT1469

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT1469 LINER-LT1469 Datasheet
285Kb / 24P
Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LT1469 LINER-LT1469 Datasheet
238Kb / 20P
Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
LT1469 LINER-LT1469 Datasheet
190Kb / 12P
Dual 200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp
LT1469 LINER-LT1469 Datasheet
2Mb / 20P
Dual 90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1469 LINER-LT1469 Datasheet
999Kb / 26P
16-Bit, 250ksps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
More results

Description similaire - LT1469

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT1220 LINER-LT1220 Datasheet
290Kb / 8P
45MHz, 250V/us Operational Amplifier
LT1468 LINER-LT1468 Datasheet
304Kb / 12P
90MHz, 22V/us 16-Bit Accurate Operational Amplifier
LT1813 LINER-LT1813 Datasheet
204Kb / 12P
Dual 3mA, 100MHz, 750V/us Operational Amplifier
logo
Burr-Brown (TI)
OPA300 BURR-BROWN-OPA300 Datasheet
302Kb / 15P
Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2300 TI-OPA2300 Datasheet
498Kb / 19P
Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1468 LINER-LT1468_1 Datasheet
215Kb / 16P
90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
LT1469 LINER-LT1469_1 Datasheet
238Kb / 20P
Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
LT1468 LINER-LT1468_09 Datasheet
223Kb / 16P
16-Bit Accurate Operational Amplifi er
LT1469 LINER-LT1469_15 Datasheet
2Mb / 20P
Dual 90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1468 LINER-LT1468_15 Datasheet
228Kb / 16P
90MHz, 22V/s 16-Bit Accurate Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com