Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LT1469 Fiches technique(PDF) 1 Page - Linear Technology

No de pièce LT1469
Description  Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LT1469 Fiches technique(HTML) 1 Page - Linear Technology

  LT1469 Datasheet HTML 1Page - Linear Technology LT1469 Datasheet HTML 2Page - Linear Technology LT1469 Datasheet HTML 3Page - Linear Technology LT1469 Datasheet HTML 4Page - Linear Technology LT1469 Datasheet HTML 5Page - Linear Technology LT1469 Datasheet HTML 6Page - Linear Technology LT1469 Datasheet HTML 7Page - Linear Technology LT1469 Datasheet HTML 8Page - Linear Technology LT1469 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT1469
1
1469fa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Dual 90MHz, 22V/µs
16-Bit Accurate Operational Amplifier
The LT®1469 is a dual, precision high speed operational
amplifier with 16-bit accuracy and 900ns settling to 150μV
for 10V steps. This unique blend of precision and AC
performance makes the LT1469 the optimum choice for
high accuracy applications such as DAC current-to-voltage
conversion and ADC buffers. The initial accuracy and drift
characteristics of the input offset voltage and inverting input
bias current are tailored for inverting applications.
The 90MHz gain bandwidth ensures high open-loop gain
at frequency for reducing distortion. In noninverting ap-
plications such as an ADC buffer, the low distortion and
DC accuracy allow full 16-bit AC and DC performance.
The 22V/μs slew rate of the LT1469 improves large signal
performance compared to other precision op amps in
applications such as active filters and instrumentation
amplifiers.
The LT1469 is available in a space saving 4mm × 4mm
leadless package, as well as in small outline and DIP pack-
ages. A single version, the LT1468, is also available.
16-Bit DAC I-to-V Converter and Reference Inverter for Bipolar Output Swing (VOUT = –10V to 10V)
n 90MHz Gain Bandwidth, f = 100kHz
n Maximum Input Offset Voltage: 125μV
n Settling Time: 900ns (AV = –1, 150μV, 10V Step)
n 22V/μs Slew Rate
n Low Distortion: –96.5dB for 100kHz, 10VP-P
n Maximum Input Offset Voltage Drift: 3μV/°C
n Maximum Inverting Input Bias Current: 10nA
n Minimum DC Gain: 300V/mV
n Minimum Output Swing into 2k: ±12.8V
n Unity-Gain Stable
n Input Noise Voltage: 5nV/√Hz
n Input Noise Current: 0.6pA/√Hz
n Total Input Noise Optimized for 1kΩ < RS < 20kΩ
n Specified at ±5V and ±15V Supplies
n Precision Instrumentation
n High Accuracy Data Acquisition Systems
n 16-Bit DAC Current-to-Voltage Converter
n ADC Buffer
n Low Distortion Active Filters
n Photodiode Amplifiers
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
Bipolar Multiplying Mode (LTC1597)
Signal-to-(Noise + Distortion)
15pF
2.4μs SETTLING TIME
TO 1LSB ON 20V STEP
RLPF
LTC1597
16 BITS
DAC INPUTS
VREF
1469 TA01
15pF
CLPF
VOUT
+
1/2 LT1469
1/2 LT1469
12k
12k
12k
12k
–15V
15V
FREQUENCY (Hz)
90
70
50
40
10
1k
10k
100k
1469 TA01a
110
100
60
80
100
DAC INPUT CODE = ALL ZEROS
VREF = 20VP-P
500kHz FILTER
80kHz FILTER
30kHz
FILTER


Numéro de pièce similaire - LT1469

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT1469 LINER-LT1469 Datasheet
285Kb / 24P
Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LT1469 LINER-LT1469 Datasheet
238Kb / 20P
Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
LT1469 LINER-LT1469 Datasheet
190Kb / 12P
Dual 200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp
LT1469 LINER-LT1469 Datasheet
2Mb / 20P
Dual 90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1469 LINER-LT1469 Datasheet
999Kb / 26P
16-Bit, 250ksps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
More results

Description similaire - LT1469

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT1220 LINER-LT1220 Datasheet
290Kb / 8P
45MHz, 250V/us Operational Amplifier
LT1468 LINER-LT1468 Datasheet
304Kb / 12P
90MHz, 22V/us 16-Bit Accurate Operational Amplifier
LT1813 LINER-LT1813 Datasheet
204Kb / 12P
Dual 3mA, 100MHz, 750V/us Operational Amplifier
logo
Burr-Brown (TI)
OPA300 BURR-BROWN-OPA300 Datasheet
302Kb / 15P
Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2300 TI-OPA2300 Datasheet
498Kb / 19P
Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1468 LINER-LT1468_1 Datasheet
215Kb / 16P
90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
LT1469 LINER-LT1469_1 Datasheet
238Kb / 20P
Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
LT1468 LINER-LT1468_09 Datasheet
223Kb / 16P
16-Bit Accurate Operational Amplifi er
LT1469 LINER-LT1469_15 Datasheet
2Mb / 20P
Dual 90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1468 LINER-LT1468_15 Datasheet
228Kb / 16P
90MHz, 22V/s 16-Bit Accurate Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com