Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LT1469 Fiches technique(PDF) 9 Page - Linear Technology

No de pièce LT1469
Description  Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LT1469 Fiches technique(HTML) 9 Page - Linear Technology

Back Button LT1469 Datasheet HTML 4Page - Linear Technology LT1469 Datasheet HTML 5Page - Linear Technology LT1469 Datasheet HTML 6Page - Linear Technology LT1469 Datasheet HTML 7Page - Linear Technology LT1469 Datasheet HTML 8Page - Linear Technology LT1469 Datasheet HTML 9Page - Linear Technology LT1469 Datasheet HTML 10Page - Linear Technology LT1469 Datasheet HTML 11Page - Linear Technology LT1469 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LT1469
9
1469fa
TYPICAL PERFORMANCE CHARACTERISTICS
Open-Loop Gain and Phase vs
Frequency
Gain Bandwidth and Phase
Margin vs Supply Voltage
Gain Bandwidth and Phase
Margin vs Temperature
Gain vs Frequency, AV = 1
Gain vs Frequency, AV = – 1
Gain vs Frequency, AV = 1
Gain vs Frequency, AV = –1
Slew Rate vs Supply Voltage
Slew Rate vs Temperature
FREQUENCY (Hz)
20
40
50
70
10k
1M
10M
100M
1469 G19
0
100k
60
30
10
–10
0
40
60
100
–40
80
20
–20
–60
PHASE
GAIN
±15V
±15V
±5V
±5V
TA = 25°C
AV = –1
RF = RG = 5.1k
CF = 5pF
RL = 2k
SUPPLY VOLTAGE (±V)
0
90
92
20
1469 G20
88
86
82
5
10
15
84
36
38
40
34
32
TA = 25°C
AV = –1
RF = RG = 5.1k
CF = 5pF
RL = 2k
PHASE MARGIN
GAIN BANDWIDTH
TEMPERATURE (°C)
–55
84
86
90
92
94
0
50
75
1469 G21
88
32
34
36
40
30
42
38
–25
25
100
125
VS = ±5V
VS = ±5V
VS = ±15V
VS = ±15V
GAIN BANDWIDTH
PHASE MARGIN
FREQUENCY (Hz)
100k
–1
0
1
2
3
1M
10M
100M
1469 G22
–2
–3
–4
–5
4
5
TA = 25°C
AV = 1
RL = 2k
VS = ±5V
VS = ±15V
FREQUENCY (Hz)
100k
–1
0
1
2
3
1M
10M
100M
1469 G23
–2
–3
–4
–5
4
5
TA = 25°C
AV = –1
RL = 2k
CF = 5pF
RF = RG = 2k
VS = ±5V
VS = ±15V
RF = RG = 5.1k
VS = ±5V
VS = ±15V
FREQUENCY (Hz)
100k
2
4
6
8
10
1M
10M
100M
1469 G24
0
–2
–4
–6
12
14
VS = ±15V
TA = 25°C
AV = 1
NO RL
100pF
10pF
50pF
20pF
FREQUENCY (Hz)
100k
2
4
6
8
10
1M
10M
100M
1469 G25
0
–2
–4
–6
12
14
VS = ±15V
TA = 25°C
AV = –1
RF = RG = 5.1k
CF = 5pF
NO RL
300pF
200pF
50pF
100pF
SUPPLY VOLTAGE (±V)
0
22
24
26
20
1469 G26
20
18
14
5
10
15
16
30
28
–SR
+SR
TA = 25°C
AV = –1
RL = 2k
TEMPERATURE (°C)
–50
40
25
1469 G27
25
–SR
+SR
15
–25
0
50
10
5
45
35
30
20
75
100
125
VS = ±15V
AV = –1
RL = 2k


Numéro de pièce similaire - LT1469

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT1469 LINER-LT1469 Datasheet
285Kb / 24P
Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LT1469 LINER-LT1469 Datasheet
238Kb / 20P
Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
LT1469 LINER-LT1469 Datasheet
190Kb / 12P
Dual 200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp
LT1469 LINER-LT1469 Datasheet
2Mb / 20P
Dual 90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1469 LINER-LT1469 Datasheet
999Kb / 26P
16-Bit, 250ksps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
More results

Description similaire - LT1469

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT1468 LINER-LT1468 Datasheet
304Kb / 12P
90MHz, 22V/us 16-Bit Accurate Operational Amplifier
LT1469 LINER-LT1469_15 Datasheet
2Mb / 20P
Dual 90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1468 LINER-LT1468_15 Datasheet
228Kb / 16P
90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1469 LINER-LT1469_1 Datasheet
238Kb / 20P
Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
LT1468 LINER-LT1468_1 Datasheet
215Kb / 16P
90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
LT1468 LINER-LT1468_09 Datasheet
223Kb / 16P
16-Bit Accurate Operational Amplifi er
logo
Burr-Brown (TI)
OPA300 BURR-BROWN-OPA300 Datasheet
302Kb / 15P
Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2300 TI-OPA2300 Datasheet
498Kb / 19P
Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1813 LINER-LT1813 Datasheet
204Kb / 12P
Dual 3mA, 100MHz, 750V/us Operational Amplifier
LT1220 LINER-LT1220 Datasheet
290Kb / 8P
45MHz, 250V/us Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com