Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LT1222CN8 Fiches technique(PDF) 10 Page - Linear Technology

No de pièce LT1222CN8
Description  500MHz Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LT1222CN8 Fiches technique(HTML) 10 Page - Linear Technology

Back Button LT1222CN8 Datasheet HTML 4Page - Linear Technology LT1222CN8 Datasheet HTML 5Page - Linear Technology LT1222CN8 Datasheet HTML 6Page - Linear Technology LT1222CN8 Datasheet HTML 7Page - Linear Technology LT1222CN8 Datasheet HTML 8Page - Linear Technology LT1222CN8 Datasheet HTML 9Page - Linear Technology LT1222CN8 Datasheet HTML 10Page - Linear Technology LT1222CN8 Datasheet HTML 11Page - Linear Technology LT1222CN8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1222
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
N8 Package
8-Lead Plastic Dip
N8 0694
0.045 ± 0.015
(1.143 ± 0.381)
0.100 ± 0.010
(2.540 ± 0.254)
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.130 ± 0.005
(3.302 ± 0.127)
0.015
(0.380)
MIN
0.018 ± 0.003
(0.457 ± 0.076)
0.125
(3.175)
MIN
12
3
4
87
6
5
0.255 ± 0.015*
(6.477 ± 0.381)
0.400*
(10.160)
MAX
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.325
(7.620 – 8.255)
0.325
+0.025
–0.015
+0.635
–0.381
8.255
()
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTURSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm).


Numéro de pièce similaire - LT1222CN8

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT1222CN8 LINER-LT1222CN8 Datasheet
248Kb / 12P
   500MHz, 3nV/?숰z, AV ??10 Operational Amplifier
More results

Description similaire - LT1222CN8

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT1222 LINER-LT1222_07 Datasheet
248Kb / 12P
   500MHz, 3nV/?숰z, AV ??10 Operational Amplifier
logo
SG Micro Corp
SGM8061 SGMICRO-SGM8061 Datasheet
639Kb / 14P
   500MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Mitel Networks Corporat...
SL3522 MITEL-SL3522 Datasheet
830Kb / 19P
   500MHz 75dB Logarithmic/Limiting Amplifier
logo
List of Unclassifed Man...
PS13201 ETC2-PS13201 Datasheet
1Mb / 22P
   500MHz 75dB Logarithmic/Limiting Amplifier
logo
Exar Corporation
CLC1006 EXAR-CLC1006 Datasheet
1Mb / 16P
   Single, 500MHz Voltage Feedback Amplifier
logo
M/A-COM Technology Solu...
AM-151 MA-COM-AM-151_15 Datasheet
481Kb / 3P
   Cascadable Amplifier 10 to 500MHz
AM-147 MA-COM-AM-147 Datasheet
140Kb / 2P
   Cascadable Amplifier 10 to 500MHz
AM-151 MA-COM-AM-151 Datasheet
83Kb / 2P
   Cascadable Amplifier 10 to 500MHz
logo
Renesas Technology Corp
EL8302 RENESAS-EL8302 Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
logo
Zarlink Semiconductor I...
SL3522 ZARLINK-SL3522 Datasheet
934Kb / 21P
   500MHz 75dB Logarithmic/Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com