| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1865 Fiches technique(PDF) 108 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1865 Fiches technique(HTML) 108 Page - STMicroelectronics |
|
108 / 132 page ![]() Vendor specific commands UM1865 108/132 DocID027514 Rev 1 Event(s) generated: A command complete event is generated when this command is processed. 4.5.40 Aci_Gatt_Allow_Read Description: The application has to send this command when it receives the Evt_Blue_Gatt_Read_Permit_Req or Evt_Blue_Gatt_Read_Multi_Permit_Req. This command indicates to the stack that the response can be sent to the client. So if the application wishes to update any of the attributes before they are read by the client, it has to update the characteristic values using the Aci_Gatt_Update_Charac_Value and then give this command. The application should perform the required operations within 30 seconds. Otherwise the GATT procedure will be timeout. Event(s) generated: A command complete event is generated when this command is processed. Table 240. Aci_Gatt_Write_Resp return parameters Parameter Size Description Status 1 byte 0x00: Success 0x46: Not allowed The command is not allowed in the current state of stack Table 241. Aci_Gatt_Allow_Read Command name Parameters Return Aci_Gatt_Allow_Read (0xFD27) Connection handle Status Table 242. Aci_Gatt_Allow_Read command parameters Parameter Size Description Connection handle 2 bytes Connection handle for which the command is given Table 243. Aci_Gatt_Allow_Read return parameters Parameter Size Description Status 1 byte 0x00: Success 0x46: Not allowed The command is not expected in the current state of the stack |