| Moteur de recherche de fiches techniques de composants électroniques |
|
PM0056 Fiches technique(PDF) 150 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0056 Fiches technique(HTML) 150 Page - STMicroelectronics |
|
150 / 156 page ![]() Core peripherals PM0056 150/156 DocID15491 Rev 5 4.5 SysTick timer (STK) The processor has a 24-bit system timer, SysTick, that counts down from the reload value to zero, reloads (wraps to) the value in the LOAD register on the next clock edge, then counts down on subsequent clocks. When the processor is halted for debugging the counter does not decrement. 0x24 SCB_SHCRS Reserved Res. Reset Value 0000 00 00 0 0 0 0 0 0 0x28 SCB_CFSR UFSR BFSR MMFSR Reset Value 0000000 0000000000 00 00 0 0 0 0 0 0 0 0 0 0 0 0x2C SCB_HFSR Reserved Reset Value 0 0 0 0x34 SCB_MMAR MMAR[31:0] Reset Value xxxxxxxxxxx xxxxxx xx xx xx x x x x x x x x x 0x38 SCB_BFAR BFAR[31:0] Reset Value xxxxxxxxxxx xxxxxx xx xx xx x x x x x x x x x Table 48. SCB register map and reset values (continued) Offset Register |