Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PA2721AGR Fiches technique(PDF) 5 Page - Renesas Technology Corp

No de pièce PA2721AGR
Description  SWITCHING N-CHANNEL POWER MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PA2721AGR Fiches technique(HTML) 5 Page - Renesas Technology Corp

  PA2721AGR_15 Datasheet HTML 1Page - Renesas Technology Corp PA2721AGR_15 Datasheet HTML 2Page - Renesas Technology Corp PA2721AGR_15 Datasheet HTML 3Page - Renesas Technology Corp PA2721AGR_15 Datasheet HTML 4Page - Renesas Technology Corp PA2721AGR_15 Datasheet HTML 5Page - Renesas Technology Corp PA2721AGR_15 Datasheet HTML 6Page - Renesas Technology Corp PA2721AGR_15 Datasheet HTML 7Page - Renesas Technology Corp PA2721AGR_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet G18705EJ1V0DS
3
μPA2721AGR
TYPICAL CHARACTERISTICS (TA = 25
°C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
FORWARD BIAS SAFE OPERATING AREA
0
040
20
60
100
140
80
120
160
120
100
80
60
40
20
TA - Ambient Temperature -
°C
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
ID(pulse)
ID(DC)
RD
S(
on
) L
im
ite
d
(V
GS
= 1
i 0
V)
1
i
m
i
s
1
i
0
m
i
s
1
i
00
m
i
s
Po
wer
Dis
sip
atio
n Li
mite
d
1
i
0 s
PW
= 1
i
00
μs
Single Pulse
Mounted on glass epoxy board of
25.4 mm x 25.4 mm x 0.8 mmt
VDS - Drain to Source Voltage - V
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
0.01
0.1
1
10
100
1000
Rth(ch-A) = 114
°C/Wi
Single Pulse
Mounted on glass epoxy board of 25.4 mm x 25.4 mm x 0.8 mmt
PW - Pulse Width - s
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
FORWARD TRANSFER CHARACTERISTICS
0
20
40
60
80
0
0.1
0.2
0.3
0.4
0.5
VGS = 10 V
Pulsed
5.0 V
VDS - Drain to Source Voltage - V
0.01
0.1
1
10
100
012
345
VDS = 10 V
Pulsed
Tch =
−55°C
25
°C
75
°C
150
°C
VGS - Gate to Source Voltage - V
100
μ
1 m
10 m
100 m
1
10
100
1000


Numéro de pièce similaire - PA2721AGR_15

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
PA2721GR RENESAS-PA2721GR_15 Datasheet
280Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
More results

Description similaire - PA2721AGR_15

FabricantNo de pièceFiches techniqueDescription
logo
NEC
2SK4078 NEC-2SK4078 Datasheet
184Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET
2SK4092 NEC-2SK4092 Datasheet
198Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET
2SK3116 NEC-2SK3116 Datasheet
70Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
2SK3943 RENESAS-2SK3943_15 Datasheet
265Kb / 10P
SWITCHING N-CHANNEL POWER MOS FET
NP80N04MLG RENESAS-NP80N04MLG_15 Datasheet
356Kb / 12P
SWITCHING N-CHANNEL POWER MOS FET
NP82N06PLG RENESAS-NP82N06PLG_15 Datasheet
313Kb / 10P
SWITCHING N-CHANNEL POWER MOS FET
NP90N06VLG RENESAS-NP90N06VLG_15 Datasheet
337Kb / 10P
SWITCHING N-CHANNEL POWER MOS FET
NP60N055KUG RENESAS-NP60N055KUG_15 Datasheet
269Kb / 9P
SWITCHING N-CHANNEL POWER MOS FET
NP90N04PUF RENESAS-NP90N04PUF_15 Datasheet
274Kb / 9P
SWITCHING N-CHANNEL POWER MOS FET
2SK3793 RENESAS-2SK3793_15 Datasheet
306Kb / 10P
SWITCHING N-CHANNEL POWER MOS FET
2SK3811 RENESAS-2SK3811_15 Datasheet
274Kb / 10P
SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com