Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KIA278R05PI Fiches technique(PDF) 5 Page - KEC(Korea Electronics)

No de pièce KIA278R05PI
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA278R05PI Fiches technique(HTML) 5 Page - KEC(Korea Electronics)

  KIA278R05PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA278R05PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA278R05PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA278R05PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA278R05PI Datasheet HTML 5Page - KEC(Korea Electronics) KIA278R05PI Datasheet HTML 6Page - KEC(Korea Electronics) KIA278R05PI Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2001. 6. 28
5/7
KIA278R05PI~KIA278R15PI
Revision No : 3
0
0
INPUT VOLTAGE V
(V)
IN
Fig.6-3 V
-V (KIA278R09)
510
15
5
10
R =
R =9
R =4.5
L
L
L
Fig.6-4 V
-V (KIA278R12)
INPUT VOLTAGE V
(V)
L
R =6
0
0
20
R =
L
R =12
L
IN
5
10152025
5
10
15
IN
IN
INPUT VOLTAGE V
(V)
0
0
5
101520
IN
25
Fig.6-5 V
-V (KIA278R15)
R =15
5
10
L
15
20
R =7.5
L
L
R =
IN
Fig.5-5 T - V (KIA278R15)
JUNCTION TEMPERATURE T ( C)
-150
-25
-200
025
50
j
I =0.5A
V
=21V
100
-50
-100
50
0
200
150
250
O
IN
o
100
j
75
125
R =
INPUT VOLTAGE V
(V)
1
0
0
3
2
5
4
2
L
R =5
L
4
L
R =2.5
IN
68
Fig.6-1 V
- V (KIA278R05)
7
6
8
IN
o
INPUT VOLTAGE V
(V)
0
0
5
510
IN
15
Fig.6-2 V
-V (KIA278R08)
10
IN
L
R =
R =8
L
10
R =4
L
o
o
o
o


Numéro de pièce similaire - KIA278R05PI

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIA278R05PI KEC-KIA278R05PI Datasheet
928Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R05PI KEC-KIA278R05PI_15 Datasheet
928Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Description similaire - KIA278R05PI

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIA278R25PI KEC-KIA278R25PI Datasheet
97Kb / 5P
BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA378R05PI KEC-KIA378R05PI Datasheet
118Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA378R25PI KEC-KIA378R25PI Datasheet
97Kb / 5P
BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA78D25F KEC-KIA78D25F Datasheet
402Kb / 4P
BIPOLAR LINEAR INTEGRATED CIRCUIT (3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR)
KIA78R05API KEC-KIA78R05API Datasheet
1Mb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78R05F KEC-KIA78R05F Datasheet
122Kb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78R05PI KEC-KIA78R05PI Datasheet
129Kb / 6P
BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78R25API KEC-KIA78R25API Datasheet
105Kb / 5P
BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78R25F KEC-KIA78R25F Datasheet
103Kb / 5P
BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR)
logo
Unisonic Technologies
378R33 UTC-378R33 Datasheet
200Kb / 9P
4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com