Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRL2203 Fiches technique(PDF) 1 Page - International Rectifier

No de pièce IRL2203
Description  Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRL2203 Fiches technique(HTML) 1 Page - International Rectifier

  IRL2203 Datasheet HTML 1Page - International Rectifier IRL2203 Datasheet HTML 2Page - International Rectifier IRL2203 Datasheet HTML 3Page - International Rectifier IRL2203 Datasheet HTML 4Page - International Rectifier IRL2203 Datasheet HTML 5Page - International Rectifier IRL2203 Datasheet HTML 6Page - International Rectifier IRL2203 Datasheet HTML 7Page - International Rectifier IRL2203 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRL2203N
HEXFET® Power MOSFET
3/16/01
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.85
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
–––
62
Thermal Resistance
www.irf.com
1
VDSS = 30V
RDS(on) = 7.0mΩ
ID = 116A
‡
S
D
G
TO-220AB
Advanced HEXFET® Power MOSFETs from International
Rectifier utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET power MOSFETs are well
known for, provides the designer with an extremely efficient
and reliable device for use in a wide variety of applications.
The TO-220 package is universally preferred for all
commercial-industrial applications at power dissipation
levels to approximately 50 watts.
The low thermal
resistance and low package cost of the TO-220 contribute
to its wide acceptance throughout the industry.
l Advanced Process Technology
l Ultra Low On-Resistance
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
Description
PD - 91366
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
116
‡
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
82
A
IDM
Pulsed Drain Current

400
PD @TC = 25°C
Power Dissipation
180
W
Linear Derating Factor
1.2
W/°C
VGS
Gate-to-Source Voltage
± 16
V
IAR
Avalanche Current

60
A
EAR
Repetitive Avalanche Energy

18
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)


Numéro de pièce similaire - IRL2203

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
IRL2203N ISC-IRL2203N Datasheet
338Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRL2203NL IRF-IRL2203NL Datasheet
132Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
IRL2203NLPBF IRF-IRL2203NLPBF Datasheet
231Kb / 11P
HEXFET짰 Power MOSFET
IRL2203NLPBF IRF-IRL2203NLPBF Datasheet
295Kb / 10P
Advanced Process Technology
IRL2203NPBF IRF-IRL2203NPBF Datasheet
183Kb / 8P
HEXFET짰 Power MOSFET
More results

Description similaire - IRL2203

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7457 IRF-IRF7457 Datasheet
120Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)max=7.0mohm, Id=15A)
IRFP3703 IRF-IRFP3703 Datasheet
236Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=0.0028ohm, Id=210A??
IRFR1111 IRF-IRFR1111 Datasheet
112Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)=0.031ohm, Id=33A??
IRL2203NS IRF-IRL2203NS Datasheet
132Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
IRL2203S IRF-IRL2203S Datasheet
173Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)=0.007ohm, Id=100A??
IRL3103S IRF-IRL3103S Datasheet
125Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
IRL3803 IRF-IRL3803 Datasheet
365Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A??
IRL3803S IRF-IRL3803S Datasheet
436Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A??
IRLI2203G IRF-IRLI2203G Datasheet
328Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)=0.010ohm, Id=52A??
IRLR3103 IRF-IRLR3103 Datasheet
164Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)=0.019ohm, Id=46A??
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com