Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NP80N04MLG Fiches technique(PDF) 9 Page - Renesas Technology Corp

No de pièce NP80N04MLG
Description  SWITCHING N-CHANNEL POWER MOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP80N04MLG Fiches technique(HTML) 9 Page - Renesas Technology Corp

Back Button NP80N04MLG_15 Datasheet HTML 4Page - Renesas Technology Corp NP80N04MLG_15 Datasheet HTML 5Page - Renesas Technology Corp NP80N04MLG_15 Datasheet HTML 6Page - Renesas Technology Corp NP80N04MLG_15 Datasheet HTML 7Page - Renesas Technology Corp NP80N04MLG_15 Datasheet HTML 8Page - Renesas Technology Corp NP80N04MLG_15 Datasheet HTML 9Page - Renesas Technology Corp NP80N04MLG_15 Datasheet HTML 10Page - Renesas Technology Corp NP80N04MLG_15 Datasheet HTML 11Page - Renesas Technology Corp NP80N04MLG_15 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet D19797EJ1V0DS
7
NP80N04MLG, NP80N04NLG, NP80N04PLG
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
SWITCHING CHARACTERISTICS
100
1000
10000
100000
0.01
0.1
1
10
100
VGS = 0 V
f = 1 MHz
Ciss
Coss
Crss
VDS - Drain to Source Voltage - V
1
10
100
1000
0.1
1
10
100
VDD = 20 V
VGS = 10 V
RG = 0
Ω
td(off)
tr
td(on)
tf
ID - Drain Current - A
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
0
10
20
30
40
50
0
20
406080
100
0
2
4
6
8
10
ID = 80 A
VGS
VDS
VDD = 32 V
20 V
8 V
QG - Gate Charge - nC
0.01
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Pulsed
10 V
VGS = 0 V
4.5 V
VF(S-D) - Source to Drain Voltage - V
REVERSE RECOVERY TIME vs.
DIODE FORWARD CURRENT
10
100
0.1
1
10
100
di/dt = 100 A/
μs
VGS = 0 V
IF - Diode Forward Current - A


Numéro de pièce similaire - NP80N04MLG_15

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
NP80N04MLG-S18-AY RENESAS-NP80N04MLG-S18-AY Datasheet
356Kb / 12P
MOS FIELD EFFECT TRANSISTOR
logo
VBsemi Electronics Co.,...
NP80N04MLG-S18-AY VBSEMI-NP80N04MLG-S18-AY Datasheet
968Kb / 7P
N-Channel 40-V (D-S) MOSFET
More results

Description similaire - NP80N04MLG_15

FabricantNo de pièceFiches techniqueDescription
logo
NEC
2SK4078 NEC-2SK4078 Datasheet
184Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET
2SK4092 NEC-2SK4092 Datasheet
198Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET
2SK3116 NEC-2SK3116 Datasheet
70Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
2SK3943 RENESAS-2SK3943_15 Datasheet
265Kb / 10P
SWITCHING N-CHANNEL POWER MOS FET
NP82N06PLG RENESAS-NP82N06PLG_15 Datasheet
313Kb / 10P
SWITCHING N-CHANNEL POWER MOS FET
NP90N06VLG RENESAS-NP90N06VLG_15 Datasheet
337Kb / 10P
SWITCHING N-CHANNEL POWER MOS FET
NP60N055KUG RENESAS-NP60N055KUG_15 Datasheet
269Kb / 9P
SWITCHING N-CHANNEL POWER MOS FET
NP90N04PUF RENESAS-NP90N04PUF_15 Datasheet
274Kb / 9P
SWITCHING N-CHANNEL POWER MOS FET
2SK3793 RENESAS-2SK3793_15 Datasheet
306Kb / 10P
SWITCHING N-CHANNEL POWER MOS FET
2SK3811 RENESAS-2SK3811_15 Datasheet
274Kb / 10P
SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com