Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT90PWM2 Fiches technique(PDF) 217 Page - ATMEL Corporation

No de pièce AT90PWM2
Description  High Performance, Low Power Atmel
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Fiches technique(HTML) 217 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 213Page - ATMEL Corporation AT90PWM2 Datasheet HTML 214Page - ATMEL Corporation AT90PWM2 Datasheet HTML 215Page - ATMEL Corporation AT90PWM2 Datasheet HTML 216Page - ATMEL Corporation AT90PWM2 Datasheet HTML 217Page - ATMEL Corporation AT90PWM2 Datasheet HTML 218Page - ATMEL Corporation AT90PWM2 Datasheet HTML 219Page - ATMEL Corporation AT90PWM2 Datasheet HTML 220Page - ATMEL Corporation AT90PWM2 Datasheet HTML 221Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 365 page
background image
217
4317K–AVR–03/2013
AT90PWM2/3/2B/3B
Figure 19-5. Manchester Frame error detection
Note:
Counter Overflow = MBURR[H:L]
When a Manchester framing error is detected the FEM bit and RxC bit are set at the same time.
This allows the application to execute the reception complete interrupt subroute when this error
conditon is detected.
When a Manchester framing error is detected, the EUSART receiver immediately enters in a
new start bit detection phase. Thus when a Manchester framing error is detected within a frame,
the receiver will process the rest of the frame as a new incomming frame and generate other
FEM errors.
Internal
Manchester
Clock
Start Bit
N2
N1
Bit 1
Start Bit
Bit 2
back shift
Start Bit
N2
N1
Bit 1
Start Bit
front shift
Bit 2
N3
Framing Error
Manchester
Data
Manchester
Decoder
Counter
Internal
Manchester
Clock
Edge Detection
Space
N1/2
Resynchronize
Internal
Manchester
Clock
N2/4
N3
N2/2
Counter
Overflow
Transition outside
the detect window
The counter reaches the counter overflow
value without reaching a manchester edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More