| Moteur de recherche de fiches techniques de composants électroniques |
|
AT90PWM2 Fiches technique(PDF) 150 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90PWM2 Fiches technique(HTML) 150 Page - ATMEL Corporation |
|
150 / 365 page ![]() 150 4317K–AVR–03/2013 AT90PWM2/3/2B/3B 16.9 PSC Input Mode 1: Stop signal, Jump to Opposite Dead-Time and Wait Figure 16-20. PSCn behaviour versus PSCn Input A in Fault Mode 1 PSC Input A is taken into account during DT0 and OT0 only. It has no effect during DT1 and OT1. When PSC Input A event occurs, PSC releases PSCOUTn0, waits for PSC Input A inactive state and then jumps and executes DT1 plus OT1. Figure 16-21. PSCn behaviour versus PSCn Input B in Fault Mode 1 PSC Input B is take into account during DT1 and OT1 only. It has no effect during DT0 and OT0. When PSC Input B event occurs, PSC releases PSCOUTn1, waits for PSC Input B inactive state and then jumps and executes DT0 plus OT0. PSCOUTn0 PSCOUTn1 PSC Input A PSC Input B DT0 OT0 DT1 OT1 DT0 OT0 DT1 OT1 DT0 OT0 DT1 OT1 PSCOUTn0 PSCOUTn1 PSC Input A PSC Input B DT0 OT0 DT1 OT1 DT0 OT0 DT1 OT1 DT0 OT0 DT1 OT1 |