Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT90PWM2 Fiches technique(PDF) 140 Page - ATMEL Corporation

No de pièce AT90PWM2
Description  High Performance, Low Power Atmel
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Fiches technique(HTML) 140 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 136Page - ATMEL Corporation AT90PWM2 Datasheet HTML 137Page - ATMEL Corporation AT90PWM2 Datasheet HTML 138Page - ATMEL Corporation AT90PWM2 Datasheet HTML 139Page - ATMEL Corporation AT90PWM2 Datasheet HTML 140Page - ATMEL Corporation AT90PWM2 Datasheet HTML 141Page - ATMEL Corporation AT90PWM2 Datasheet HTML 142Page - ATMEL Corporation AT90PWM2 Datasheet HTML 143Page - ATMEL Corporation AT90PWM2 Datasheet HTML 144Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 365 page
background image
140
4317K–AVR–03/2013
AT90PWM2/3/2B/3B
Figure 16-9. PSCn0 & PSCn1 Basic Waveforms in Center Aligned Mode
On-Time 0 = 2 * OCRnSAH/L * 1/Fclkpsc
On-Time 1 = 2 * (OCRnRBH/L - OCRnSBH/L + 1) * 1/Fclkpsc
Dead-Time = (OCRnSBH/L - OCRnSAH/L) * 1/Fclkpsc
PSC Cycle = 2 * (OCRnRBH/L + 1) * 1/Fclkpsc
Note:
Minimal value for
PSC Cycle = 2 * 1/Fclkpsc
OCRnRAH/L is not used to control PSC Output waveform timing. Nevertheless, it can be useful
to adjust ADC synchronization (See “Analog Synchronization” on page 159.).
Figure 16-10. Run and Stop Mechanism in Centered Mode
Note:
See “PSC 0 Control Register – PCTL0” on page 166.(or PCTL1 or PCTL2)
On-Time 1
On-Time 0
PSCOUTn0
PSCOUTn1
PSC Cycle
Dead-Time
On-Time 1
Dead-Time
PSC Counter
OCRnRB
OCRnSA
OCRnSB
0
(AT90PWM2B/3B)
PSCOUTn1
(AT90PWM2/3)
PSCOUTn0
PSCOUTn1
PSC Counter
OCRnRB
OCRnSA
OCRnSB
0
Run
PSCOUTn1
(AT90PWM2/3)
(AT90PWM2B/3B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More