Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

G7754-01 Fiches technique(PDF) 1 Page - Hamamatsu Corporation

No de pièce G7754-01
Description  Infrared detector module with preamp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HAMAMATSU [Hamamatsu Corporation]
Site Internet  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G7754-01 Fiches technique(HTML) 1 Page - Hamamatsu Corporation

  G7754-01 Datasheet HTML 1Page - Hamamatsu Corporation G7754-01 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
These devices combine a dewar type detector with a compatible preamplifier, and easily operate to detect infrared radiation just by connecting to
a DC power supply. InGaAs, InSb and MCT (HgCdTe) detectors are provided as standard devices (liquid nitrogen cooling). Custom-designed
devices with different active areas, FOV or amplifier gain, etc. are also available to meet your specific needs.
Features
l Compact integral detector unit
l Optimum connections between the detector element and pre-
amplifier allow amplified signals to be easily obtained.
Applications
l Infrared detection
INFRARED
DETECTOR
Infrared detector module with preamp
High sensitivity modules of easy-to-use
Metal dewar type
Accessories (Optional)
l Power supply for preamplifier (±15 V)
C3871
Accessories (Supplied)
l 4-conductor cable (for DC power supply):
2 m (connector installed at one end)
A4372-02
l BNC-BNC coaxial cable (for signal output): 2 m
E2573
l Instruction manual
s Specifications / Absolute maximum ratings
Absolute maximum ratings
Active area
External input
voltage
External input
voltage
Operating
temperature
Topr
Storage
temperature
Tstg
Type No.
Detector element
(mm)
(V)
(V)
(°C)
(°C)
G7754-01
φ1
G7754-03
InGaAs
φ3
P7751-01
φ0.6
P7751-02
InSb
φ2
±Vs *
1
P7752-10
MCT
1 × 1
±15
±18
0 to +40
-20 to +50
*1: Vs=12 to 15 V
s Electrical and optical characteristics (Typ.)
Me as ure me nt
condition
Element
te m p er ature
T
Peak
sensitivity
wavelength
λp
Cut-off
wavelength
λc
Photo
sensitivity
S
λ=λp
NEP
Frequency
response
-3 dB
Output
impedance
Maximum
output
voltage
RL=1 k
Maximum
current
consumption *2
Type No.
(°C)
(µm)
(µm)
(V/W)
(W/Hz
1/2)(Hz)
(
Ω)
(V)
(mA)
G7754-01
2 × 10
9
3 × 10
-14
2 to 500
±10
±15
G7754-03
2.0
2.4
5 × 10
8
1.5 × 10
-13
2 to 500
±10
±15
P7751-01
3 × 10
8
3 × 10
-13
5 to 10000
±10
±20
P7751-02
5.3
5.5
1.5 × 10
8
1 × 10
-12
5 to 12000
±10
±20
P7752-10
-196
12
14
2 × 10
6
3 × 10
-12
5 to 140000
50
±3
+60, -10
*2: Vs=15 V
1


Numéro de pièce similaire - G7754-01

FabricantNo de pièceFiches techniqueDescription
logo
Hamamatsu Corporation
G7754-01 HAMAMATSU-G7754-01 Datasheet
57Kb / 2P
Infrared detector module with preamp Metal dewar type
G7754-01 HAMAMATSU-G7754-01_07 Datasheet
57Kb / 2P
Infrared detector module with preamp Metal dewar type
G7754-01 HAMAMATSU-G7754-01_15 Datasheet
178Kb / 3P
Infrared detector modules with preamps
G7754-01_ETC_KIRD1024E09 HAMAMATSU-G7754-01_ETC_KIRD1024E09 Datasheet
331Kb / 3P
Metal dewar type
More results

Description similaire - G7754-01

FabricantNo de pièceFiches techniqueDescription
logo
Hamamatsu Corporation
G6121 HAMAMATSU-G6121 Datasheet
196Kb / 2P
Infrared detector module with preamp
G6122 HAMAMATSU-G6122 Datasheet
117Kb / 4P
Infrared detector module with preamp
G6121_ETC_KIRD1035E06 HAMAMATSU-G6121_ETC_KIRD1035E06 Datasheet
174Kb / 3P
Infrared detector module with preamp
G6122_ETC_KIRD1036E13 HAMAMATSU-G6122_ETC_KIRD1036E13 Datasheet
347Kb / 4P
Infrared detector module with preamp
C12492-210 HAMAMATSU-C12492-210 Datasheet
145Kb / 5P
Infrared detector modules with preamp
C12495-311M HAMAMATSU-C12495-311M Datasheet
145Kb / 5P
Infrared detector modules with preamp
C12496-046 HAMAMATSU-C12496-046 Datasheet
184Kb / 3P
Infrared detector module with preamp
C12496-046 HAMAMATSU-C12496-046_15 Datasheet
309Kb / 3P
Infrared detector module with preamp
C12492-210 HAMAMATSU-C12492-210_15 Datasheet
406Kb / 5P
Infrared detector modules with preamp
C12485-210 HAMAMATSU-C12485-210_15 Datasheet
223Kb / 5P
Infrared detector modules with preamp
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com