Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

G6121 Fiches technique(PDF) 2 Page - Hamamatsu Corporation

No de pièce G6121
Description  Infrared detector module with preamp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HAMAMATSU [Hamamatsu Corporation]
Site Internet  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G6121 Fiches technique(HTML) 2 Page - Hamamatsu Corporation

  G6121 Datasheet HTML 1Page - Hamamatsu Corporation G6121 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Infrared detector module with preamp
Non-cooled type
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2001 Hamamatsu Photonics K.K.
Cat. No. KIRD1035E02
May 2001 DN
16
(Typ. T=25 ˚C)
10
8
10
10
10
12
10
13
10
9
10
11
2345
WAVELENGTH (µm)
G6121
P4245
s Dimensional outlines (unit: mm)
ACTIVE AREA
35
48 ± 1.5
26
4-PIN CONNECTOR
(VOLTAGE INPUT)
0.9 MAX.
BNC CONNECTOR
(SIGNAL OUTPUT)
2
(4
×) M2.6 DEPTH 5
(MOUNTING THREADED HOLE)
41
PHOTOSENSITIVE
SURFACE
(4
×) 2.8 CS5
(FOR M2.6 FLAT
HEAD SCREW)
KIRDA0008ED
20 ± 0.2
7
107.5
32
(5 ×) M3 THREADED HOLE, DEPTH 5
(MOUNTING THREADED HOLE)
BNC CONNECTOR
(SIGNAL OUTPUT)
PHOTOSENSITIVE
SURFACE
3.1 ± 0.5
15
25
60
36.5
4-PIN CONNECTOR
(±15 V)
Dimensional outline (B7506-01, unit: mm)
KIR
(4 ×) M3 THREADED HOLE, DEPTH: 2
(WITH HELICAL INSERT)
FOR HEATSINK INSTALLATION
WINDOW
4.6 ± 0.2
KIRDA0136EA
s Spectral response
KIRDB0187EA
G6121, P4245
B7506-01
s Output waveform example (B7506-01)
Input beam
CO2 laser
Peak power
45 W
Repetition rate
100 Hz
Pulse width
200 µs


Numéro de pièce similaire - G6121

FabricantNo de pièceFiches techniqueDescription
logo
Hamamatsu Corporation
G6121 HAMAMATSU-G6121_15 Datasheet
217Kb / 5P
Infrared detector modules with preamps
G6121_ETC_KIRD1035E06 HAMAMATSU-G6121_ETC_KIRD1035E06 Datasheet
174Kb / 3P
Infrared detector module with preamp
More results

Description similaire - G6121

FabricantNo de pièceFiches techniqueDescription
logo
Hamamatsu Corporation
G6122 HAMAMATSU-G6122 Datasheet
117Kb / 4P
Infrared detector module with preamp
G7754-01 HAMAMATSU-G7754-01 Datasheet
103Kb / 2P
Infrared detector module with preamp
G6121_ETC_KIRD1035E06 HAMAMATSU-G6121_ETC_KIRD1035E06 Datasheet
174Kb / 3P
Infrared detector module with preamp
G6122_ETC_KIRD1036E13 HAMAMATSU-G6122_ETC_KIRD1036E13 Datasheet
347Kb / 4P
Infrared detector module with preamp
C12492-210 HAMAMATSU-C12492-210 Datasheet
145Kb / 5P
Infrared detector modules with preamp
C12495-311M HAMAMATSU-C12495-311M Datasheet
145Kb / 5P
Infrared detector modules with preamp
C12496-046 HAMAMATSU-C12496-046 Datasheet
184Kb / 3P
Infrared detector module with preamp
C12496-046 HAMAMATSU-C12496-046_15 Datasheet
309Kb / 3P
Infrared detector module with preamp
C12492-210 HAMAMATSU-C12492-210_15 Datasheet
406Kb / 5P
Infrared detector modules with preamp
C12485-210 HAMAMATSU-C12485-210_15 Datasheet
223Kb / 5P
Infrared detector modules with preamp
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com