Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3243 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce LM3243
Description  High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM3243 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button LM3243_14 Datasheet HTML 2Page - Texas Instruments LM3243_14 Datasheet HTML 3Page - Texas Instruments LM3243_14 Datasheet HTML 4Page - Texas Instruments LM3243_14 Datasheet HTML 5Page - Texas Instruments LM3243_14 Datasheet HTML 6Page - Texas Instruments LM3243_14 Datasheet HTML 7Page - Texas Instruments LM3243_14 Datasheet HTML 8Page - Texas Instruments LM3243_14 Datasheet HTML 9Page - Texas Instruments LM3243_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
LM3243
SNVS782B – OCTOBER 2010 – REVISED FEBRUARY 2013
www.ti.com
SYSTEM CHARACTERISTICS (continued)
The following spec table entries are specified by design and verifications providing the component values in the Typical
Application Circuit are used (L = 1.5 µH, DCR = 120 m
Ω, TOKO DFE201610C-1R5N, CIN = 10 µF, 6.3V, 0402, Samsung
CL05A106MQ5NUN, COUT = 10 µF + 4.7 µF + 3 x 1.0 µF + 3300 pF: 6.3V, 0402, Samsung CL05A106MQ5NUN,
CL05A475MQNRN; 6.3V, 0201 Samsung CL03A105MQ3CSN; 6.3V, 01005 Murata GRM022R60J332K). These parameters
are not verified by production testing. Min and Max values are specified over the ambient temperature range TA = −30°C
to 90°C. Typical values are specified at PVIN = VDD = EN = 3.8V, BP = 0V and TA = 25°C unless otherwise stated.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN = 3.8V, VOUT = 1.8V,
IOUT = 10 mA
79
82
MODE = HIGH (PFM)
VIN = 3.8V, VOUT = 0.5V,
IOUT = 5 mA
58
60
MODE = HIGH (PFM)
VIN = 3.8V, VOUT = 3.5V,
IOUT = 1900 mA
89
92
MODE = LOW (PWM)
η
Efficiency
%
VIN = 3.8V, VOUT = 2.5V,
IOUT = 250 mA
90
93
MODE = LOW (PWM)
VIN = 3.8V, VOUT = 1.6V,
IOUT = 130 mA
83
86
MODE = LOW (PWM)
VIN = 3.8V, VOUT = 1.0V,
IOUT = 400 mA
81
84
MODE = LOW (PWM)
VIN = 0.4V to 3.6V, VOUT = 0.4V to
Ripple voltage at no pulse
3.6V, ROUT = 1.9Ω
(3)
1
3
skipping condition
MODE = LOW
Ripple voltage at pulse
VIN = 5.5V to dropout, VOUT = 3.6V,
8
skipping condition
ROUT = 1.9Ω
(3)
VRIPPLE
mVpp
VIN = 3.2V, VOUT < 1.125V,
50
IOUT =10 mA, MODE = HIGH
PFM Ripple Voltage
VIN = 3.2V, VOUT ≤ 0.5V,
50
IOUT = 5mA, MODE = HIGH
VIN = 3.6V to 4.2V, TR = TF = 10 µs,
Line_tr
Line transient response
VOUT = 1V, IOUT = 600 mA
50
mVpk
MODE = LOW
VOUT = 3.0V, TR = TF = 10 µs,
Load_tr
Load transient response
IOUT = 0A to 1.2A
40
mVpk
MODE = LOW
Max Duty cycle
Maximum duty cycle
MODE = LOW
100
%
VIN = 3.2V, VOUT = 1.0V, IOUT = 10
mA
100
160
MODE = HIGH
PFM_Freq
Minimum PFM Frequency
kHz
VIN = 3.2V, VOUT = 0.5V, IOUT = 5mA
34
55
MODE = HIGH
(3)
Ripple voltage should be measured at COUT electrode on a well-designed PC board and using the suggested inductor and capacitors.
6
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3243


Numéro de pièce similaire - LM3243_14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3243 TI-LM3243_15 Datasheet
1Mb / 32P
LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
REVISED AUGUST 2015
LM3243 TI1-LM3243_16 Datasheet
1Mb / 32P
High-Current Step-Down Converter
REVISED AUGUST 2015
More results

Description similaire - LM3243_14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3253 TI1-LM3253_17 Datasheet
988Kb / 26P
High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3253 TI-LM3253_15 Datasheet
946Kb / 25P
LM3253 High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243 Datasheet
139Kb / 5P
High-Current Step-Down Converter for 2G/3G/4G RF Power
February 24, 2012
LM3253 TI1-LM3253 Datasheet
139Kb / 5P
High-Current Step-Down Converter for 2G/3G/4G RF Power
LM3243 TI-LM3243_15 Datasheet
1Mb / 32P
LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
REVISED AUGUST 2015
logo
Taoglas antenna solutio...
GA.110.101111 TAOGLAS-GA.110.101111_18 Datasheet
1Mb / 13P
4G/3G/2G HIGH GAIN
logo
Texas Instruments
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3209TLX-G3-NOPB TI1-LM3209TLX-G3-NOPB Datasheet
1Mb / 22P
Seamless-Transition Buck-Boost Converter for Battery-Powered 3G/4G RF Power Amplifiers
logo
Taoglas antenna solutio...
TG10RA0113 TAOGLAS-TG10RA0113 Datasheet
1Mb / 16P
Triton 4G/3G/2G Terminal Antenna for Cellular Triton 4G/3G/2G Terminal Antenna for Cellular
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com