Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IO107PDB1 Fiches technique(PDF) 187 Page - Microsemi Corporation

No de pièce IO107PDB1
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO107PDB1 Fiches technique(HTML) 187 Page - Microsemi Corporation

Back Button IO107PDB1 Datasheet HTML 183Page - Microsemi Corporation IO107PDB1 Datasheet HTML 184Page - Microsemi Corporation IO107PDB1 Datasheet HTML 185Page - Microsemi Corporation IO107PDB1 Datasheet HTML 186Page - Microsemi Corporation IO107PDB1 Datasheet HTML 187Page - Microsemi Corporation IO107PDB1 Datasheet HTML 188Page - Microsemi Corporation IO107PDB1 Datasheet HTML 189Page - Microsemi Corporation IO107PDB1 Datasheet HTML 190Page - Microsemi Corporation IO107PDB1 Datasheet HTML 191Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
4 - 71
FG484
Pin Number
A3P600 Function
A1
GND
A2
GND
A3
VCCIB0
A4
NC
A5
NC
A6
IO09RSB0
A7
IO15RSB0
A8
NC
A9
NC
A10
IO22RSB0
A11
IO23RSB0
A12
IO29RSB0
A13
IO35RSB0
A14
NC
A15
NC
A16
IO46RSB0
A17
IO48RSB0
A18
NC
A19
NC
A20
VCCIB0
A21
GND
A22
GND
B1
GND
B2
VCCIB3
B3
NC
B4
NC
B5
NC
B6
IO08RSB0
B7
IO12RSB0
B8
NC
B9
NC
B10
IO17RSB0
B11
NC
B12
NC
B13
IO36RSB0
B14
NC
B15
NC
B16
IO47RSB0
B17
IO49RSB0
B18
NC
B19
NC
B20
NC
B21
VCCIB1
B22
GND
C1
VCCIB3
C2
NC
C3
NC
C4
NC
C5
GND
C6
NC
C7
NC
C8
VCC
C9
VCC
C10
NC
C11
NC
C12
NC
C13
NC
C14
VCC
C15
VCC
C16
NC
C17
NC
C18
GND
C19
NC
C20
NC
C21
NC
C22
VCCIB1
D1
NC
D2
NC
D3
NC
D4
GND
D5
GAA0/IO00RSB0
D6
GAA1/IO01RSB0
FG484
Pin Number
A3P600 Function
D7
GAB0/IO02RSB0
D8
IO11RSB0
D9
IO16RSB0
D10
IO18RSB0
D11
IO28RSB0
D12
IO34RSB0
D13
IO37RSB0
D14
IO41RSB0
D15
IO43RSB0
D16
GBB1/IO57RSB0
D17
GBA0/IO58RSB0
D18
GBA1/IO59RSB0
D19
GND
D20
NC
D21
NC
D22
NC
E1
NC
E2
NC
E3
GND
E4
GAB2/IO173PDB3
E5
GAA2/IO174PDB3
E6
GNDQ
E7
GAB1/IO03RSB0
E8
IO13RSB0
E9
IO14RSB0
E10
IO21RSB0
E11
IO27RSB0
E12
IO32RSB0
E13
IO38RSB0
E14
IO42RSB0
E15
GBC1/IO55RSB0
E16
GBB0/IO56RSB0
E17
IO52RSB0
E18
GBA2/IO60PDB1
E19
IO60NDB1
E20
GND
FG484
Pin Number
A3P600 Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More