Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IO106PDB1 Fiches technique(PDF) 122 Page - Microsemi Corporation

No de pièce IO106PDB1
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO106PDB1 Fiches technique(HTML) 122 Page - Microsemi Corporation

Back Button IO106PDB1 Datasheet HTML 118Page - Microsemi Corporation IO106PDB1 Datasheet HTML 119Page - Microsemi Corporation IO106PDB1 Datasheet HTML 120Page - Microsemi Corporation IO106PDB1 Datasheet HTML 121Page - Microsemi Corporation IO106PDB1 Datasheet HTML 122Page - Microsemi Corporation IO106PDB1 Datasheet HTML 123Page - Microsemi Corporation IO106PDB1 Datasheet HTML 124Page - Microsemi Corporation IO106PDB1 Datasheet HTML 125Page - Microsemi Corporation IO106PDB1 Datasheet HTML 126Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 210 page
background image
Package Pin Assignments
4- 6
R ev isio n 1 5
QN132 – Bottom View
Notes:
1. The die attach paddle center of the package is tied to ground (GND).
2. Option corner pads come with this device and package combination. It is optional to tie them to ground or leave them
floating.
3. The QN132 package is discontinued and is not available for ProASIC3 devices. For Package Manufacturing and
Environmental information, visit the Resource Center at:
http://www.microsemi.com/soc/products/solutions/package/docs.aspx.
A37
A1
A12
A36
D4
D3
D1
D2
A25
A48
A24
A13
B34
B1
B11
B44
B22
B12
C31
C1
C10
B33
B23
C30
C21
C40
C20
C11
Optional
Corner Pad (4x)
Pin A1Mark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More