Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IO10PDB0V0 Fiches technique(PDF) 154 Page - Microsemi Corporation

No de pièce IO10PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO10PDB0V0 Fiches technique(HTML) 154 Page - Microsemi Corporation

Back Button IO10PDB0V0 Datasheet HTML 150Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 151Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 152Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 153Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 154Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 155Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 156Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 157Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 158Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 197 page
background image
Pin Descriptions
5- 40
R e v i sio n 1 2
156
GNDQ
GNDQ
157
GNDQ
GNDQ
158
VCCFPGAIOB0
VCCFPGAIOB0
159
GBA1/IO19PDB0V0
GBA1/IO23PDB0V0
160
GBA0/IO19NDB0V0
GBA0/IO23NDB0V0
161
VCCFPGAIOB0
VCCFPGAIOB0
162
GND
GND
163
VCC
VCC
164
EMC_AB[25]/IO16PDB0V0
IO21PDB0V0
165
EMC_AB[24]/IO16NDB0V0
IO21NDB0V0
166
EMC_AB[23]/IO15PDB0V0
IO20PDB0V0
167
EMC_AB[22]/IO15NDB0V0
IO20NDB0V0
168
EMC_AB[21]/IO14PDB0V0
IO19PDB0V0
169
EMC_AB[20]/IO14NDB0V0
IO19NDB0V0
170
EMC_AB[19]/IO13PDB0V0
IO18PDB0V0
171
EMC_AB[18]/IO13NDB0V0
IO18NDB0V0
172
EMC_AB[17]/IO12PDB0V0
IO17PDB0V0
173
EMC_AB[16]/IO12NDB0V0
IO17NDB0V0
174
VCCFPGAIOB0
VCCFPGAIOB0
175
GND
GND
176
VCC
VCC
177
EMC_AB[15]/IO11PDB0V0
IO14PDB0V0
178
EMC_AB[14]/IO11NDB0V0
IO14NDB0V0
179
EMC_AB[13]/IO10PDB0V0
IO13PDB0V0
180
EMC_AB[12]/IO10NDB0V0
IO13NDB0V0
181
EMC_AB[11]/IO09PDB0V0
IO12PDB0V0
182
EMC_AB[10]/IO09NDB0V0
IO12NDB0V0
183
EMC_AB[9]/IO08PDB0V0
IO11PDB0V0
184
EMC_AB[8]/IO08NDB0V0
IO11NDB0V0
185
EMC_AB[7]/IO07PDB0V0
IO10PDB0V0
186
EMC_AB[6]/IO07NDB0V0
IO10NDB0V0
Pin Number
PQ208
A2F200
A2F500
Notes:
1. Shading denotes pins that do not have completely identical functions from density to density. For example, the bank
assignment can be different for an I/O, or the function might be available only on a larger density device.
2. *: Indicates that the signal assigned to the pins as a CLKBUF/CLKBUF_LVPECL/CLKBUF_LVDS goes through a
glitchless mux. In order for the glitchless mux to operate correctly, the signal must be a free-running clock signal. Refer
to the ’Glitchless MUX’ section in the SmartFusion Microcontroller Subsystem User’s Guide for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More