Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IO10PDB0V0 Fiches technique(PDF) 149 Page - Microsemi Corporation

No de pièce IO10PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO10PDB0V0 Fiches technique(HTML) 149 Page - Microsemi Corporation

Back Button IO10PDB0V0 Datasheet HTML 145Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 146Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 147Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 148Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 149Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 150Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 151Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 152Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 153Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
5 - 35
Pin Number
PQ208
A2F200
A2F500
1
VCCPLL
VCCPLL0
2
VCOMPLA
VCOMPLA0
3
GNDQ
GNDQ
4
EMC_DB[15]/GAA2/IO71PDB5V0
GAA2/IO88PDB5V0
5
EMC_DB[14]/GAB2/IO71NDB5V0
GAB2/IO88NDB5V0
6
EMC_DB[13]/GAC2/IO70PDB5V0
GAC2/IO87PDB5V0
7
EMC_DB[12]/IO70NDB5V0
IO87NDB5V0
8VCC
VCC
9GND
GND
10
VCCFPGAIOB5
VCCFPGAIOB5
11
EMC_DB[11]/IO69PDB5V0
IO86PDB5V0
12
EMC_DB[10]/IO69NDB5V0
IO86NDB5V0
13
GFA2/IO68PSB5V0
GFA2/IO85PSB5V0
14
GFA1/IO64PDB5V0
GFA1/IO81PDB5V0
15
GFA0/IO64NDB5V0
GFA0/IO81NDB5V0
16
EMC_DB[9]/GEC1/IO63PDB5V0
GEC1/IO80PDB5V0
17
EMC_DB[8]/GEC0/IO63NDB5V0
GEC0/IO80NDB5V0
18
EMC_DB[7]/GEB1/IO62PDB5V0
GEB1/IO79PDB5V0
19
EMC_DB[6]/GEB0/IO62NDB5V0
GEB0/IO79NDB5V0
20
EMC_DB[5]/GEA1/IO61PDB5V0
GEA1/IO78PDB5V0
21
EMC_DB[4]/GEA0/IO61NDB5V0
GEA0/IO78NDB5V0
22
VCC
VCC
23
GND
GND
24
VCCFPGAIOB5
VCCFPGAIOB5
25
EMC_DB[3]/GEC2/IO60PDB5V0
GEC2/IO77PDB5V0
26
EMC_DB[2]/IO60NDB5V0
IO77NDB5V0
27
EMC_DB[1]/GEB2/IO59PDB5V0
GEB2/IO76PDB5V0
28
EMC_DB[0]/GEA2/IO59NDB5V0
GEA2/IO76NDB5V0
29
VCC
VCC
30
GND
GND
31
GNDRCOSC
GNDRCOSC
Notes:
1. Shading denotes pins that do not have completely identical functions from density to density. For example, the bank
assignment can be different for an I/O, or the function might be available only on a larger density device.
2. *: Indicates that the signal assigned to the pins as a CLKBUF/CLKBUF_LVPECL/CLKBUF_LVDS goes through a
glitchless mux. In order for the glitchless mux to operate correctly, the signal must be a free-running clock signal. Refer
to the ’Glitchless MUX’ section in the SmartFusion Microcontroller Subsystem User’s Guide for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More