Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IO11PDB0V0 Fiches technique(PDF) 183 Page - Microsemi Corporation

No de pièce IO11PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO11PDB0V0 Fiches technique(HTML) 183 Page - Microsemi Corporation

Back Button IO11PDB0V0 Datasheet HTML 179Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 180Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 181Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 182Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 183Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 184Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 185Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 186Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 187Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
6 - 1
6 – Datasheet Information
List of Changes
The following table lists critical changes that were made in each revision of the SmartFusion datasheet.
Revision
Changes
Page
Revision 12
(November 2013)
CS288 package dimensions added to "SmartFusion cSoC Package Sizes
Dimensions" table (SAR 43730).
1-III
Added "Typical Programming and Erase Times" table (SAR 43732).
4-9
Definition of Ethernet MAC clarified in the "General Description" section (SAR 50083).
1-1
Clarified GC and GF global inputs in "Global I/O Naming Conventions" section and
link to SF Fabric UG added (SAR 42802).
5-6
Revision 11
(September 2013)
Modified the description for VAREF0 in the "User-Defined Supply Pins"(SAR 30204).
5-5
Updated the "Pin Assignment Tables" section with a note for A2F500, all packages
with GCAx saying: "Signal assigned to those pins as a CLKBUF or CLKBUF_LVPECL
or CLKBUF_LVDS goes through a glitchless mux. In order for the glitchless mux to
operate correctly, the signal must be a free-running clock signal (SAR 45985).
5-18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More