| Moteur de recherche de fiches techniques de composants électroniques |
|
IO11PDB0V0 Fiches technique(PDF) 178 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
IO11PDB0V0 Fiches technique(HTML) 178 Page - Microsemi Corporation |
|
178 / 197 page ![]() Pin Descriptions 5- 64 R e v i sio n 1 2 T1 GND GND T2 VCCMSSIOB4 VCCMSSIOB4 T3 GPIO_8/IO39RSB4V0 GPIO_8/IO48RSB4V0 T4 GPIO_11/IO57RSB4V0 GPIO_11/IO66RSB4V0 T5 GND GND T6 MAC_CLK MAC_CLK T7 VCCMSSIOB4 VCCMSSIOB4 T8 VCC33SDD0 VCC33SDD0 T9 VCC15A VCC15A T10 GNDAQ GNDAQ T11 GND33ADC0 GND33ADC0 T12 ADC7 ADC7 T13 NC TM4 T14 NC VAREF2 T15 VAREFOUT VAREFOUT T16 VCCMSSIOB2 VCCMSSIOB2 T17 SPI_1_DO/GPIO_24 SPI_1_DO/GPIO_24 T18 GND GND T19 NC NC T20 NC NC T21 VCCMSSIOB2 VCCMSSIOB2 T22 GND GND U1 GND GND U2 GPIO_5/IO42RSB4V0 GPIO_5/IO51RSB4V0 U3 GPIO_10/IO58RSB4V0 GPIO_10/IO67RSB4V0 U4 VCCMSSIOB4 VCCMSSIOB4 U5 MAC_RXD[1]/IO53RSB4V0 MAC_RXD[1]/IO62RSB4V0 U6 NC NC U7 VCC33AP VCC33AP U8 VCC33N VCC33N U9 CM1 CM1 U10 VAREF0 VAREF0 U11 GND33ADC1 GND33ADC1 U12 ADC4 ADC4 Pin Number FG484 A2F200 Function A2F500 Function Notes: 1. Shading denotes pins that do not have completely identical functions from density to density. For example, the bank assignment can be different for an I/O, or the function might be available only on a larger density device. 2. *: Indicates that the signal assigned to the pins as a CLKBUF/CLKBUF_LVPECL/CLKBUF_LVDS goes through a glitchless mux. In order for the glitchless mux to operate correctly, the signal must be a free-running clock signal. Refer to the ’Glitchless MUX’ section in the SmartFusion Microcontroller Subsystem User’s Guide for more details. |