Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IO11PDB0V0 Fiches technique(PDF) 173 Page - Microsemi Corporation

No de pièce IO11PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO11PDB0V0 Fiches technique(HTML) 173 Page - Microsemi Corporation

Back Button IO11PDB0V0 Datasheet HTML 169Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 170Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 171Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 172Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 173Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 174Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 175Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 176Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 177Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
5 - 59
H7
GND
GND
H8
VCC
VCC
H9
GND
GND
H10
VCC
VCC
H11
GND
GND
H12
VCC
VCC
H13
GND
GND
H14
VCC
VCC
H15
GND
GND
H16
VCCFPGAIOB1
VCCFPGAIOB1
H17
IO25NDB1V0
IO29NDB1V0
H18
GCC2/IO25PDB1V0
GCC2/IO29PDB1V0
H19
GND
GND
H20
GCC0/IO26NPB1V0
GCC0/IO35NPB1V0
H21
VCCFPGAIOB1
VCCFPGAIOB1
H22
GCB0/IO27NDB1V0
GCB0/IO34NDB1V0
J1
EMC_DB[6]/GEB0/IO62NDB5V0
EMC_DB[6]/GEB0/IO79NDB5V0
J2
EMC_DB[5]/GEA1/IO61PDB5V0
EMC_DB[5]/GEA1/IO78PDB5V0
J3
EMC_DB[4]/GEA0/IO61NDB5V0
EMC_DB[4]/GEA0/IO78NDB5V0
J4
EMC_DB[3]/GEC2/IO60PPB5V0
EMC_DB[3]/GEC2/IO77PPB5V0
J5
VCCFPGAIOB5
VCCFPGAIOB5
J6
GFA0/IO64NDB5V0
GFA0/IO81NDB5V0
J7
VCCFPGAIOB5
VCCFPGAIOB5
J8
GND
GND
J9
VCC
VCC
J10
GND
GND
J11
VCC
VCC
J12
GND
GND
J13
VCC
VCC
J14
GND
GND
J15
VCC
VCC
J16
GND
GND
J17
NC
IO37PDB1V0
J18
VCCFPGAIOB1
VCCFPGAIOB1
Pin Number
FG484
A2F200 Function
A2F500 Function
Notes:
1. Shading denotes pins that do not have completely identical functions from density to density. For example, the bank
assignment can be different for an I/O, or the function might be available only on a larger density device.
2. *: Indicates that the signal assigned to the pins as a CLKBUF/CLKBUF_LVPECL/CLKBUF_LVDS goes through a
glitchless mux. In order for the glitchless mux to operate correctly, the signal must be a free-running clock signal. Refer
to the ’Glitchless MUX’ section in the SmartFusion Microcontroller Subsystem User’s Guide for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More