Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IO11PDB0V0 Fiches technique(PDF) 167 Page - Microsemi Corporation

No de pièce IO11PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO11PDB0V0 Fiches technique(HTML) 167 Page - Microsemi Corporation

Back Button IO11PDB0V0 Datasheet HTML 163Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 164Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 165Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 166Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 167Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 168Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 169Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 170Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 171Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
5 - 53
Pin Number
FG484
A2F200 Function
A2F500 Function
A1
GND
GND
A2
NC
NC
A3
NC
NC
A4
GND
GND
A5
EMC_CS0_N/GAB0/IO01NDB0V0
EMC_CS0_N/GAB0/IO05NDB0V0
A6
EMC_CS1_N/GAB1/IO01PDB0V0
EMC_CS1_N/GAB1/IO05PDB0V0
A7
GND
GND
A8
EMC_AB[0]/IO04NDB0V0
EMC_AB[0]/IO06NDB0V0
A9
EMC_AB[1]/IO04PDB0V0
EMC_AB[1]/IO06PDB0V0
A10
GND
GND
A11
NC
NC
A12
EMC_AB[7]/IO07PDB0V0
EMC_AB[7]/IO12PDB0V0
A13
GND
GND
A14
EMC_AB[12]/IO10NDB0V0
EMC_AB[12]/IO14NDB0V0
A15
EMC_AB[13]/IO10PDB0V0
EMC_AB[13]/IO14PDB0V0
A16
GND
GND
A17
NC
IO16NDB0V0
A18
NC
IO16PDB0V0
A19
GND
GND
A20
NC
NC
A21
NC
NC
A22
GND
GND
AA1
GPIO_4/IO43RSB4V0
GPIO_4/IO52RSB4V0
AA2
GPIO_12/IO37RSB4V0
GPIO_12/IO46RSB4V0
AA3
MAC_MDC/IO48RSB4V0
MAC_MDC/IO57RSB4V0
AA4
MAC_RXER/IO50RSB4V0
MAC_RXER/IO59RSB4V0
AA5
MAC_TXD[0]/IO56RSB4V0
MAC_TXD[0]/IO65RSB4V0
AA6
ABPS0
ABPS0
AA7
TM1
TM1
AA8
ADC1
ADC1
AA9
GND15ADC1
GND15ADC1
AA10
GND33ADC1
GND33ADC1
AA11
CM3
CM3
AA12
GNDTM1
GNDTM1
Notes:
1. Shading denotes pins that do not have completely identical functions from density to density. For example, the bank
assignment can be different for an I/O, or the function might be available only on a larger density device.
2. *: Indicates that the signal assigned to the pins as a CLKBUF/CLKBUF_LVPECL/CLKBUF_LVDS goes through a
glitchless mux. In order for the glitchless mux to operate correctly, the signal must be a free-running clock signal. Refer
to the ’Glitchless MUX’ section in the SmartFusion Microcontroller Subsystem User’s Guide for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More