Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IO11PDB0V0 Fiches technique(PDF) 160 Page - Microsemi Corporation

No de pièce IO11PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO11PDB0V0 Fiches technique(HTML) 160 Page - Microsemi Corporation

Back Button IO11PDB0V0 Datasheet HTML 156Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 157Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 158Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 159Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 160Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 161Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 162Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 163Page - Microsemi Corporation IO11PDB0V0 Datasheet HTML 164Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 197 page
background image
Pin Descriptions
5- 46
R e v i sio n 1 2
F14
IO21NDB1V0
GCB0/IO27NDB1V0
GCB0/IO34NDB1V0
F15
GND
GND
GND
F16
VCCENVM
VCCENVM
VCCENVM
G1
EMC_DB[8]/IO40NDB5V0
EMC_DB[8]/GEC0/IO63NDB5V0
EMC_DB[8]/GEC0/IO80NDB5V0
G2
EMC_DB[7]/IO39PDB5V0
EMC_DB[7]/GEB1/IO62PDB5V0
EMC_DB[7]/GEB1/IO79PDB5V0
G3
EMC_DB[6]/IO39NDB5V0
EMC_DB[6]/GEB0/IO62NDB5V0
EMC_DB[6]/GEB0/IO79NDB5V0
G4
GFC2/IO41PDB5V0
GFC2/IO67PDB5V0
GFC2/IO84PDB5V0
G5
IO41NDB5V0
IO67NDB5V0
IO84NDB5V0
G6
GND
GND
GND
G7
VCC
VCC
VCC
G8
GND
GND
GND
G9
VCC
VCC
VCC
G10
GND
GND
GND
G11
VCCFPGAIOB1
VCCFPGAIOB1
VCCFPGAIOB1
G12
VPP
VPP
VPP
G13
TRSTB
TRSTB
TRSTB
G14
TMS
TMS
TMS
G15
TCK
TCK
TCK
G16
GNDENVM
GNDENVM
GNDENVM
H1
GND
GND
GND
H2
EMC_DB[5]/IO38PPB5V0
EMC_DB[5]/GEA1/IO61PPB5V0
EMC_DB[5]/GEA1/IO78PPB5V0
H3
VCCFPGAIOB5
VCCFPGAIOB5
VCCFPGAIOB5
H4
EMC_DB[1]/IO36PDB5V0
EMC_DB[1]/GEB2/IO59PDB5V0
EMC_DB[1]/GEB2/IO76PDB5V0
H5
EMC_DB[0]/IO36NDB5V0
EMC_DB[0]/GEA2/IO59NDB5V0
EMC_DB[0]/GEA2/IO76NDB5V0
H6
VCCFPGAIOB5
VCCFPGAIOB5
VCCFPGAIOB5
H7
GND
GND
GND
H8
VCC
VCC
VCC
H9
GND
GND
GND
H10
VCC
VCC
VCC
H11
GND
GND
GND
H12
VJTAG
VJTAG
VJTAG
Pin
No.
FG256
A2F060 Function
A2F200 Function
A2F500 Function
Notes:
1. Shading denotes pins that do not have completely identical functions from density to density. For example, the bank
assignment can be different for an I/O, or the function might be available only on a larger density device.
2. *: Indicates that the signal assigned to the pins as a CLKBUF/CLKBUF_LVPECL/CLKBUF_LVDS goes through a
glitchless mux. In order for the glitchless mux to operate correctly, the signal must be a free-running clock signal. Refer to
the ’Glitchless MUX’ section in the SmartFusion Microcontroller Subsystem User’s Guide for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More