| Moteur de recherche de fiches techniques de composants électroniques |
|
IO13PDB0V0 Fiches technique(PDF) 172 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
IO13PDB0V0 Fiches technique(HTML) 172 Page - Microsemi Corporation |
|
172 / 197 page ![]() Pin Descriptions 5- 58 R e v i sio n 1 2 F17 NC IO25PPB1V0 F18 VCCFPGAIOB1 VCCFPGAIOB1 F19 IO23NDB1V0 IO28NDB1V0 F20 NC IO31PDB1V0 F21 NC IO31NDB1V0 F22 IO22PDB1V0 IO32PDB1V0 G1 GND GND G2 GFB0/IO65NPB5V0 GFB0/IO82NPB5V0 G3 EMC_DB[9]/GEC1/IO63PDB5V0 EMC_DB[9]/GEC1/IO80PDB5V0 G4 GFC1/IO66PPB5V0 GFC1/IO83PPB5V0 G5 EMC_DB[11]/IO69PPB5V0 EMC_DB[11]/IO86PPB5V0 G6 GNDQ GNDQ G7 NC NC G8 GND GND G9 VCCFPGAIOB0 VCCFPGAIOB0 G10 GND GND G11 VCCFPGAIOB0 VCCFPGAIOB0 G12 GND GND G13 VCCFPGAIOB0 VCCFPGAIOB0 G14 GND GND G15 VCCFPGAIOB0 VCCFPGAIOB0 G16 GNDQ GNDQ G17 NC IO26PDB1V0 G18 NC IO26NDB1V0 G19 GCA2/IO23PDB1V0 GCA2/IO28PDB1V0 * G20 IO24NDB1V0 IO33NDB1V0 G21 GCB2/IO24PDB1V0 GCB2/IO33PDB1V0 G22 GND GND H1 EMC_DB[7]/GEB1/IO62PDB5V0 EMC_DB[7]/GEB1/IO79PDB5V0 H2 VCCFPGAIOB5 VCCFPGAIOB5 H3 EMC_DB[8]/GEC0/IO63NDB5V0 EMC_DB[8]/GEC0/IO80NDB5V0 H4 GND GND H5 GFC0/IO66NPB5V0 GFC0/IO83NPB5V0 H6 GFA1/IO64PDB5V0 GFA1/IO81PDB5V0 Pin Number FG484 A2F200 Function A2F500 Function Notes: 1. Shading denotes pins that do not have completely identical functions from density to density. For example, the bank assignment can be different for an I/O, or the function might be available only on a larger density device. 2. *: Indicates that the signal assigned to the pins as a CLKBUF/CLKBUF_LVPECL/CLKBUF_LVDS goes through a glitchless mux. In order for the glitchless mux to operate correctly, the signal must be a free-running clock signal. Refer to the ’Glitchless MUX’ section in the SmartFusion Microcontroller Subsystem User’s Guide for more details. |