Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IO20PDB0V0 Fiches technique(PDF) 179 Page - Microsemi Corporation

No de pièce IO20PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO20PDB0V0 Fiches technique(HTML) 179 Page - Microsemi Corporation

Back Button IO20PDB0V0 Datasheet HTML 175Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 176Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 177Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 178Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 179Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 180Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 181Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 182Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 183Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
5 - 65
U13
NC
GNDTM2
U14
NC
ADC11
U15
GNDVAREF
GNDVAREF
U16
VCC33SDD1
VCC33SDD1
U17
SPI_0_DO/GPIO_16
SPI_0_DO/GPIO_16
U18
UART_0_RXD/GPIO_21
UART_0_RXD/GPIO_21
U19
VCCMSSIOB2
VCCMSSIOB2
U20
I2C_1_SCL/GPIO_31
I2C_1_SCL/GPIO_31
U21
I2C_0_SCL/GPIO_23
I2C_0_SCL/GPIO_23
U22
GND
GND
V1
GPIO_0/IO47RSB4V0
GPIO_0/IO56RSB4V0
V2
GPIO_6/IO41RSB4V0
GPIO_6/IO50RSB4V0
V3
GPIO_9/IO38RSB4V0
GPIO_9/IO47RSB4V0
V4
MAC_MDIO/IO49RSB4V0
MAC_MDIO/IO58RSB4V0
V5
MAC_RXD[0]/IO54RSB4V0
MAC_RXD[0]/IO63RSB4V0
V6
GND
GND
V7
SDD0
SDD0
V8
ABPS1
ABPS1
V9
ADC2
ADC2
V10
VCC33ADC0
VCC33ADC0
V11
ADC6
ADC6
V12
ADC5
ADC5
V13
ABPS5
ABPS5
V14
NC
ADC8
V15
NC
GND33ADC2
V16
NC
NC
V17
GND
GND
V18
SPI_0_DI/GPIO_17
SPI_0_DI/GPIO_17
V19
SPI_1_DI/GPIO_25
SPI_1_DI/GPIO_25
V20
UART_1_TXD/GPIO_28
UART_1_TXD/GPIO_28
V21
I2C_0_SDA/GPIO_22
I2C_0_SDA/GPIO_22
V22
I2C_1_SDA/GPIO_30
I2C_1_SDA/GPIO_30
W1
GPIO_2/IO45RSB4V0
GPIO_2/IO54RSB4V0
W2
GPIO_7/IO40RSB4V0
GPIO_7/IO49RSB4V0
Pin Number
FG484
A2F200 Function
A2F500 Function
Notes:
1. Shading denotes pins that do not have completely identical functions from density to density. For example, the bank
assignment can be different for an I/O, or the function might be available only on a larger density device.
2. *: Indicates that the signal assigned to the pins as a CLKBUF/CLKBUF_LVPECL/CLKBUF_LVDS goes through a
glitchless mux. In order for the glitchless mux to operate correctly, the signal must be a free-running clock signal. Refer
to the ’Glitchless MUX’ section in the SmartFusion Microcontroller Subsystem User’s Guide for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More