Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IO20PDB0V0 Fiches technique(PDF) 145 Page - Microsemi Corporation

No de pièce IO20PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO20PDB0V0 Fiches technique(HTML) 145 Page - Microsemi Corporation

Back Button IO20PDB0V0 Datasheet HTML 141Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 142Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 143Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 144Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 145Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 146Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 147Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 148Page - Microsemi Corporation IO20PDB0V0 Datasheet HTML 149Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
5 - 31
P19
VCCMSSIOB2
VCCMSSIOB2
VCCMSSIOB2
P21
GND
GND
GND
R1
GPIO_2/IO31RSB4V0
MAC_MDIO/IO49RSB4V0
MAC_MDIO/IO58RSB4V0
R3
GPIO_1/IO32RSB4V0
MAC_TXEN/IO52RSB4V0
MAC_TXEN/IO61RSB4V0
R5
GPIO_3/IO30RSB4V0
MAC_TXD[0]/IO56RSB4V0
MAC_TXD[0]/IO65RSB4V0
R6
GPIO_10/IO35RSB4V0
MAC_CRSDV/IO51RSB4V0
MAC_CRSDV/IO60RSB4V0
R9
GNDA
GNDA
GNDA
R13
GNDA
GNDA
GNDA
R16
UART_1_RXD/GPIO_29
UART_1_RXD/GPIO_29
UART_1_RXD/GPIO_29
R17
UART_1_TXD/GPIO_28
UART_1_TXD/GPIO_28
UART_1_TXD/GPIO_28
R19
I2C_0_SDA/GPIO_22
I2C_0_SDA/GPIO_22
I2C_0_SDA/GPIO_22
R21
I2C_1_SDA/GPIO_30
I2C_1_SDA/GPIO_30
I2C_1_SDA/GPIO_30
T1
GND
GND
GND
T3
NC
MAC_TXD[1]/IO55RSB4V0
MAC_TXD[1]/IO64RSB4V0
T5
NC
MAC_RXD[1]/IO53RSB4V0
MAC_RXD[1]/IO62RSB4V0
T6
GPIO_11/IO34RSB4V0
MAC_RXER/IO50RSB4V0
MAC_RXER/IO59RSB4V0
T7
NC
CM1
CM1
T8
NC
ADC1
ADC1
T9
NC
GND33ADC0
GND33ADC0
T10
NC
VCC15ADC0
VCC15ADC0
T11
GND33ADC0
GND33ADC1
GND33ADC1
T12
VAREF0
VAREF1
VAREF1
T13
ADC7
ADC4
ADC4
T14
TM0
TM3
TM3
T15
SPI_1_SS/GPIO_27
SPI_1_SS/GPIO_27
SPI_1_SS/GPIO_27
T16
VCCMSSIOB2
VCCMSSIOB2
VCCMSSIOB2
T17
UART_0_RXD/GPIO_21
UART_0_RXD/GPIO_21
UART_0_RXD/GPIO_21
T19
UART_0_TXD/GPIO_20
UART_0_TXD/GPIO_20
UART_0_TXD/GPIO_20
T21
I2C_1_SCL/GPIO_31
I2C_1_SCL/GPIO_31
I2C_1_SCL/GPIO_31
U1
NC
MAC_RXD[0]/IO54RSB4V0
MAC_RXD[0]/IO63RSB4V0
U3
VCCMSSIOB4
VCCMSSIOB4
VCCMSSIOB4
Pin
No.
CS288
A2F060 Function
A2F200 Function
A2F500 Function
Notes:
1. Shading denotes pins that do not have completely identical functions from density to density. For example, the bank
assignment can be different for an I/O, or the function might be available only on a larger density device.
2. *: Indicates that the signal assigned to the pins as a CLKBUF/CLKBUF_LVPECL/CLKBUF_LVDS goes through a
glitchless mux. In order for the glitchless mux to operate correctly, the signal must be a free-running clock signal. Refer to
the ’Glitchless MUX’ section in the SmartFusion Microcontroller Subsystem User’s Guide for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More