Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M2022SS2W13 Fiches technique(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

No de pièce M2022SS2W13
Description  General Specifications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Site Internet  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2022SS2W13 Fiches technique(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2022SS2W13 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2022SS2W13 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2022SS2W13 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2022SS2W13 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2022SS2W13 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2022SS2W13 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2022SS2W13 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Series M
Bracket PC Mount Miniature Toggles
www.nkk.com
A62
A
SMALL TOGGLES
Important:
Toggle length changes based on
bushing selected. All illustrations
are shown with .350” (8.9mm)
long bushing. When using a .280”
(7.1mm) long bushing, toggle length
increases .070” (1.78mm).
Standard Material & Finish:
Brass with Bright Chrome
Contact factory for optional finishes.
25°
(2.5)
.098
(6.5)
.256
(4.2)
.165
25°
(3.1) Dia
.122
(14.0)
.550
25°
(3.1) Dia
.122
(16.26)
.640
25°
(3.1) Dia
.122
(21.3)
.840
.550” (14.0mm)
Cone
Q
.640” (16.26mm)
Cone
Q2
.840” (21.3mm)
Cone
Q4
.256” (6.5mm)
Flatted
E2
(5.0)
.197
25°
(21.3)
.840
(2.5)
.098
.840” (21.3mm)
Flatted
E4
Toggle Position
( ) = Momentary
Connected Terminals
Throw & Schematics
Pole
Model
Down
Center
Up
Down
Center
Up
SP
M2012
M2013
M2015
M2018
M2019
ON
ON
ON
(ON)
ON
NONE
OFF
NONE
OFF
OFF
ON
ON
(ON)
(ON)
(ON)
2-3
OPEN
2-1
SPDT
DP
M2022
M2023
M2025
M2028
M2029
ON
ON
ON
(ON)
ON
NONE
OFF
NONE
OFF
OFF
ON
ON
(ON)
(ON)
(ON)
2-3 5-6
OPEN
2-1 5-4
DPDT
POLES & CIRCUITS
Keyway
Keyway
For 3 Throw (3-On)
Pole
Model
Connected Terminals & Schematics
External Connection
Down
Center
Up
SP
M2024
M2026
M2027
ON
(ON)
ON
ON
ON
ON
ON
(ON)
(ON)
2-3 5-6
2-3 5-4
2-1 5-4
External
connection
must be made
during field
installation.
The SP3T model utilizes
a double pole base.
(out)
63
2
1
4
5
(out)
(out)
External
Conn
Common
(in)
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection
POLES & CIRCUITS
Note: Terminal numbers are not
actually on the switch.
.413”
(10.5mm)
Bat
S
.256”
(6.5mm)
Bat
S3
25°
(2.8) Dia
.110
(10.5)
.413
(5.08)
.200
25°
(2.54)
.100
(11.4)
.450
.450”
(11.4mm)
Flatted
E
.200”
(5.08mm)
Bat
S2
(2.7) Dia
.106
25°
(5.08)
.200
(6.5)
.256
(2.7) Dia
.106
25°
2 (COM)
1
3
4
6
1
3
25
(COM)


Numéro de pièce similaire - M2022SS2W13

FabricantNo de pièceFiches techniqueDescription
logo
Nihon Kaiheiki Industry...
M2022SS2 NKK-M2022SS2 Datasheet
1Mb / 28P
General Specifications
logo
List of Unclassifed Man...
M2022SS2G13-BC ETC2-M2022SS2G13-BC Datasheet
215Kb / 7P
Miniature Toggles
More results

Description similaire - M2022SS2W13

FabricantNo de pièceFiches techniqueDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
General Specifications
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com