Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TP32W003050 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce TP32W003050
Description  Tiny washable momentary pushbutton switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TP32W003050 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  TP32W003050 Datasheet HTML 1Page - List of Unclassifed Manufacturers TP32W003050 Datasheet HTML 2Page - List of Unclassifed Manufacturers TP32W003050 Datasheet HTML 3Page - List of Unclassifed Manufacturers TP32W003050 Datasheet HTML 4Page - List of Unclassifed Manufacturers TP32W003050 Datasheet HTML 5Page - List of Unclassifed Manufacturers TP32W003050 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
B2-6
APEM
www.apem.com
B2
TP series
Tiny washable momentary pushbutton switches
Distinctive features and specifications
MATERIALS
• Case : PBT
• Actuator : polyamide, glass
filled
• Contacts and terminals :
0 : brass, gold plated
1 : brass, silver plated
3 : brass, gold plated (1,27
micron gold)
8 : contact brass, gold plated
+ tin plated terminals
9 : contact brass, gold plated
(1,27 micron gold) + tin plated
terminals
• Terminal seal : epoxy
GENERAL SPECIFICATIONS
• Total travel :
- function 2 : 1 mm (.039)
- function 3 : 0,8 mm (.031)
• Strength of terminals : pull-out force - 10N max.
• Operating temperature : -30°C to +85°C
• Moisture : 21 days 95 % (NFC 20-603 - IEC 68-2-3)
• Cleaning : solvents or water + detergent
• Wave soldering : 260°C - 5 sec.
ELECTRICAL SPECIFICATIONS
• Max. current/voltage rating with resistive load :
- gold plated contacts : 0,4VA 20V max. AC or DC
- silver plated contacts : 0,5A 48V max. AC or DC
• Minimum load : 10mA 50mV - 10µA 5VDC
• Contact resistance : 50 mΩ max.
• Insulation resistance : 1.000 MΩ min. at 500VDC
• Dielectric strength :
1.000 Vrms 50 Hz min. between terminals and frame
500 Vrms 50 Hz min. between terminals
• Electrical life at full load :
- gold plated contacts : 60.000 cycles
- silver plated contacts : 20.000 cycles
Process sealed
• Single piece case
• O-ring seal between actuator and bushing
• Epoxy sealed terminals
Wide variety of contact materials
Same PCB layout as TL, TR and TG tiny switches
03-Serie TP-A_03-Serie TP-A 21/11/12 14:58 Page6


Numéro de pièce similaire - TP32W003050

FabricantNo de pièceFiches techniqueDescription
logo
Transko Electronics, In...
TP32 TRANSKO-TP32 Datasheet
463Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (3.2 x 2.5 x 1.0mm)
Rev.5: Aug. 2015
logo
National Semiconductor ...
TP3200 NSC-TP3200 Datasheet
324Kb / 8P
SLIC-MC MAGNETIC COMPENSATION SLICS
TP3204 NSC-TP3204 Datasheet
324Kb / 8P
SLIC-MC MAGNETIC COMPENSATION SLICS
logo
3PEAK INC.
TP321 3PEAK-TP321 Datasheet
1Mb / 12P
General Purpose, 1MHz, Micro-Power CMOS Op-Amps
TP321-TR 3PEAK-TP321-TR Datasheet
1Mb / 12P
General Purpose, 1MHz, Micro-Power CMOS Op-Amps
More results

Description similaire - TP32W003050

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
U573 ETC2-U573 Datasheet
34Kb / 1P
SUBMINIATURE WASHABLE MOMENTARY PUSHBUTTON SWITCHES
logo
C&K Components
TP CK-COMPONENTS-TP Datasheet
1Mb / 6P
Tiny Pushbutton Switches
2020
logo
ITT Industries
TP11SHZQE ITT-TP11SHZQE Datasheet
687Kb / 6P
Tiny Pushbutton Switches
logo
C&K Components
TP21SH8CQE CK-COMPONENTS-TP21SH8CQE Datasheet
429Kb / 6P
Tiny Pushbutton Switches
TP CK-COMPONENTS-TP_V01 Datasheet
1Mb / 6P
Tiny Pushbutton Switches
5 Aug 20
TP11SHABE22 CK-COMPONENTS-TP11SHABE22 Datasheet
518Kb / 6P
Tiny Pushbutton Switches
logo
ITT Industries
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
Sealed Momentary Pushbutton Switches
E010 ITT-E010 Datasheet
386Kb / 6P
Sealed Momentary Pushbutton Switches
logo
C&K Components
E010 CK-COMPONENTS-E010 Datasheet
467Kb / 6P
Sealed Momentary Pushbutton Switches
E010 CK-COMPONENTS-E010_V01 Datasheet
885Kb / 6P
Sealed Momentary Pushbutton Switches
17 Mar 22
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com