| Moteur de recherche de fiches techniques de composants électroniques |
|
ACPL-074L Fiches technique(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
ACPL-074L Fiches technique(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 1 page ![]() 2 Ordering Information ACPL-071L/074L are UL Recognized with 3750 Vrms for 1 minute per UL1577. Part number Option Package Surface Mount Tape & Reel IEC/EN/DIN EN 60747-5-5 Quantity RoHS Compliant ACPL-071L -000E SO-8 X 100 per tube -500E X X 1500 per reel -060E X X 100 per tube -560E X X X 1500 per reel ACPL-074L -000E SO-8 X 100 per tube -500E X X 1500 per reel -060E X X 100 per tube -560E X X X 1500 per reel To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Example 1: ACPL-071L-500E to order product of Small Outline SO-8 package in Tape and Reel packaging in RoHS compliant. Example 2: ACPL-074L-000E to order product of Small Outline SO-8 package in tube packaging and RoHS compliant. Option datasheets are available. Contact your Avago sales representative or authorized distributor for information. Reflow Soldering Profile Recommended reflow condition as per JEDEC Standard, J-STD-020 (latest revision). Non-Halide Flux should be used. Regulatory Information The ACPL-071L and ACPL-074L have been approved by the following organizations: UL Recognized under UL 1577, component recognition program, File E55361. CSA Approved under CSA Component Acceptance Notice #5, File CA88324. IEC/EN/DIN EN 60747-5-5 |