Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SJ78M06 Fiches technique(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

No de pièce SJ78M06
Description  3-Terminal Positive Voltage Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SJ78M06 Fiches technique(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SJ78M06 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SJ78M06 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SJ78M06
3-Terminal
Positive Voltage Regulator
Elektronische Bauelemente
23-Mar-2012 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, TA=25°C, I O=350mA, VIN=11V, CIN=0.33µF, CO=0.1µF unless otherwise specified)
Symbol
Test Conditions
Min
Typ
Max
Unit
VO
5.75
6
6.25
V
8V
V
IN 2
≦ 1V, 5mA I
O 350mA,
PO≦15W
5.7
6
6.3
△VO(Line Regulation)
8V
V
IN 25V, I
O=200mA
-
5
100
mV
9V
V
IN≦25V, IO=200mA
-
1.5
50
△VO(Load Regulation)
5mA
I
O 500mA
-
18
120
mV
5mA
I
O 200mA
-
10
60
IQ
-
4.3
6
mA
△IQ
5mA
I
O 350mA
, TA=0°C ~125°C
-
-
0.5
mA
9V
V
IN 25V, I
O=200mA, TA=0°C ~125°C
-
-
0.8
VN
10Hz
f
100KHz
≦ ≦
-
45
-
µ
V
RR
9V
V
IN 1
≦ 9V, f=120Hz, IO=300mA,
TA=0°C ~125°C
59
80
-
dB
VD
IO=350mA
-
2
-
V
ISC
VIN=11V
-
270
-
mA
IPK
-
500
-
mA


Numéro de pièce similaire - SJ78M06

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
SJ78M06 SECOS-SJ78M06 Datasheet
84Kb / 2P
Positive Voltage Regulator
SJ78M06 SECOS-SJ78M06_15 Datasheet
84Kb / 2P
Positive Voltage Regulator
More results

Description similaire - SJ78M06

FabricantNo de pièceFiches techniqueDescription
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Continental Device Indi...
CL7824DT CDIL-CL7824DT Datasheet
338Kb / 5P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
78L05U SEMTECH_ELEC-78L05U Datasheet
223Kb / 2P
3-Terminal Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL7812XE3 CYSTEKEC-PL7812XE3 Datasheet
108Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
PL7818XE3 CYSTEKEC-PL7818XE3 Datasheet
108Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7812AA HSMC-H7812AA Datasheet
38Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com