Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SJ78M06 Fiches technique(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No de pièce SJ78M06
Description  3-Terminal Positive Voltage Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SJ78M06 Fiches technique(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SJ78M06 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SJ78M06 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SJ78M06
3-Terminal
Positive Voltage Regulator
Elektronische Bauelemente
23-Mar-2012 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
The SJ78M06 series of three-terminal positive regulators
are available in the TO-252 package and with 6V fixed output
voltage, making it useful in a wide range of applications.
This regulator can provide local on-card regulation, eliminating
the distribution problems associated with single point regulation.
It employs internal current limiting, thermal shut-down
and safe operating area protection, making it essentially
indestructible. If adequate heat sinking is provided, they can
deliver over 0.5A output current. Although designed primarily as
fixed voltage regulators, these devices can be used with
external components to obtain adjustable voltages and currents.
PACKAGE INFORMATION
Package
MPQ
Leader Size
TO-252
2.5K
13 inch
TYPICAL APPLICATION
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Input Voltage
VIN
25
V
Operating Temperature Range
TJ
0~125
°C
Storage Temperature Range
TSTG
-65~150
°C
TO-252
A
C
D
N
O
P
G E
F
H
K
J
M
B
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
6.4
6.8
J
2.30 REF.
B
5.20
5.50
K
0.70
0.90
C
2.20
2.40
M
0.50
1.1
D
0.45
0.58
N
0.9
1.6
E
6.8
7.3
O
0
0.15
F
2.40
3.0
P
0.43
0.58
G
5.40
6.2
H
0.8
1.20


Numéro de pièce similaire - SJ78M06

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
SJ78M06 SECOS-SJ78M06 Datasheet
84Kb / 2P
Positive Voltage Regulator
SJ78M06 SECOS-SJ78M06_15 Datasheet
84Kb / 2P
Positive Voltage Regulator
More results

Description similaire - SJ78M06

FabricantNo de pièceFiches techniqueDescription
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Continental Device Indi...
CL7824DT CDIL-CL7824DT Datasheet
338Kb / 5P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
78L05U SEMTECH_ELEC-78L05U Datasheet
223Kb / 2P
3-Terminal Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL7812XE3 CYSTEKEC-PL7812XE3 Datasheet
108Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
PL7818XE3 CYSTEKEC-PL7818XE3 Datasheet
108Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7812AA HSMC-H7812AA Datasheet
38Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com