Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8AFP5269 Fiches technique(PDF) 113 Page - STMicroelectronics

No de pièce STM8AFP5269
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AFP5269 Fiches technique(HTML) 113 Page - STMicroelectronics

Back Button STM8AFP5269 Datasheet HTML 106Page - STMicroelectronics STM8AFP5269 Datasheet HTML 107Page - STMicroelectronics STM8AFP5269 Datasheet HTML 108Page - STMicroelectronics STM8AFP5269 Datasheet HTML 109Page - STMicroelectronics STM8AFP5269 Datasheet HTML 110Page - STMicroelectronics STM8AFP5269 Datasheet HTML 111Page - STMicroelectronics STM8AFP5269 Datasheet HTML 112Page - STMicroelectronics STM8AFP5269 Datasheet HTML 113Page - STMicroelectronics STM8AFP5269 Datasheet HTML 114Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 113 / 114 page
background image
DocID14395 Rev 10
113/114
STM8AF52/62xx, STM8AF51/61xx
Revision history
113
31-Mar-2014
10
Updated:
– Table 1: Device summary
– Table 2: STM8AF52xx product line-up with CAN
– Table 4: STM8AF/H/P51xx product line-up with CAN
– Table 5: STM8AF/H/P61xx product line-up without CAN
– Table 13: STM8A microcontroller family pin description
– The maximum speed in Section 5.9.3: Serial peripheral interface
(SPI)
–tTEMP Reset release delay /VDD rising typical and max values in
Table 27: Operating conditions at power-up/power-down
– The symbol tIFP(NRST) with tINFP(NRST) in Table 41: NRST pin
characteristics
– The address and comment for Reset in Table 19: STM8A interrupt
table
Added:
– Figure 7: STM8AF5286UC VFQFPN32 32-pin pinout
– The caution in Section 5.10: Input/output specifications
– The table footnote “Not recommended for new designs” to Table 4:
STM8AF/H/P51xx product line-up with CAN and Table 5:
STM8AF/H/P61xx product line-up without CAN.
– The figure footnotes to Figure 7: STM8AF5286UC VFQFPN32 32-
pin pinout. and Figure 52: VFQFPN 32-lead very thin fine pitch
quad flat no-lead package (5 x 5)
Table 57. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More