Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U74HC08 Fiches technique(PDF) 3 Page - Unisonic Technologies

No de pièce U74HC08
Description  QUAD 2-INPUT AND GATES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC08 Fiches technique(HTML) 3 Page - Unisonic Technologies

  U74HC08 Datasheet HTML 1Page - Unisonic Technologies U74HC08 Datasheet HTML 2Page - Unisonic Technologies U74HC08 Datasheet HTML 3Page - Unisonic Technologies U74HC08 Datasheet HTML 4Page - Unisonic Technologies U74HC08 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74HC08
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-236.D
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~7
V
Input Clamp Current
IIK
±20
mA
Output Clamp Current
IOK
±20
mA
Output Current
IOUT
±25
mA
VCC or GND Current
ICC
±50
mA
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Case
SOP-14
θJC
86
°C/W
DIP-14
80
TSSOP-14
113
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Supply Voltage
VCC
2
6
V
Input Voltage
VIN
0
Vcc
V
Output Voltage
VOUT
0
VCC
V
Input Transition Rise or Fall Rate
tR, tF
VCC=2V
1000
ns
VCC=4.5V
500
VCC=6V
400
Ambient Operating Temperature
TOPR
-40
85
°C
STATIC CHARACTERISTICS (TA = 25°С)
PARAMETER
SYMBOL
MIN
TYP MAX UNIT
High-Level Input Voltage
VIH
VCC= 2 V
1.5
V
VCC= 4.5V
3.15
VCC= 6 V
4.2
Low-Level Input Voltage
VIL
VCC= 2 V
0.5
V
VCC= 4.5 V
1.35
VCC= 6 V
1.8
High-Level Output Voltage
VOH
VCC= 2V, IOH = 20µA
1.9
1.998
V
VCC= 4.5V, IOH = 20µA
4.4
4.999
VCC= 6V, IOH = 20µA
5.9
5.999
VCC= 4.5V, IOH = 4mA
3.98
4.3
VCC= 6V, IOH = 5.2mA
5.48
5.8
Low-Level Output Voltage
VOL
VCC= 2V, IOL = 20µA
0.002
0.1
V
VCC= 4.5V, IOL = 20µA
0.001
0.1
VCC= 6V, IOL = 20µA
0.001
0.1
VCC= 4.5V, IOL = 4mA
0.17
0.26
VCC= 6V, IOL = 5.2mA
0.15
0.26
Input Leakage Current
II(LEAK)
VCC= 6V ,VIN = VCC or GND
±0.1 ±100
nA
Quiescent Supply Current
IQ
VCC= 6V, VIN = VCC or GND, IOUT = 0
2
µA
Input Capacitance
CIN
VCC=2V~6V
3
10
pF


Numéro de pièce similaire - U74HC08

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
U74HC08G-D14-T UTC-U74HC08G-D14-T Datasheet
203Kb / 5P
QUAD 2-INPUT AND GATES
U74HC08G-P14-R UTC-U74HC08G-P14-R Datasheet
203Kb / 5P
QUAD 2-INPUT AND GATES
U74HC08G-S14-R UTC-U74HC08G-S14-R Datasheet
203Kb / 5P
QUAD 2-INPUT AND GATES
U74HC08L-D14-T UTC-U74HC08L-D14-T Datasheet
203Kb / 5P
QUAD 2-INPUT AND GATES
U74HC08 UTC-U74HC08_15 Datasheet
203Kb / 5P
QUAD 2-INPUT AND GATES
More results

Description similaire - U74HC08

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
5408 NSC-5408 Datasheet
92Kb / 4P
Quad 2-Input AND Gates
logo
Hitachi Semiconductor
HD74HC08 HITACHI-HD74HC08 Datasheet
45Kb / 8P
Quad. 2-input AND Gates
HD74LVC08 HITACHI-HD74LVC08 Datasheet
35Kb / 7P
Quad. 2-input AND Gates
logo
Fairchild Semiconductor
DM74LS08N FAIRCHILD-DM74LS08N Datasheet
59Kb / 5P
Quad 2-Input AND Gates
logo
Renesas Technology Corp
RD74LVC08B RENESAS-RD74LVC08B Datasheet
69Kb / 8P
Quad. 2-input AND Gates
HD74LV08A RENESAS-HD74LV08A Datasheet
65Kb / 8P
Quad. 2-input AND Gates
HD74HC08 RENESAS-HD74HC08 Datasheet
91Kb / 7P
Quad. 2-input AND Gates
HD74HC08 RENESAS-HD74HC08_15 Datasheet
123Kb / 9P
Quad. 2-input AND Gates
HD74LV08A RENESAS-HD74LV08A_15 Datasheet
89Kb / 10P
Quad. 2-input AND Gates
logo
Unisonic Technologies
UCD4081B UTC-UCD4081B_15 Datasheet
168Kb / 5P
QUAD 2-INPUT AND GATES
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com