Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C12496-046 Fiches technique(PDF) 3 Page - Hamamatsu Corporation

No de pièce C12496-046
Description  Infrared detector module with preamp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HAMAMATSU [Hamamatsu Corporation]
Site Internet  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C12496-046 Fiches technique(HTML) 3 Page - Hamamatsu Corporation

  C12496-046 Datasheet HTML 1Page - Hamamatsu Corporation C12496-046 Datasheet HTML 2Page - Hamamatsu Corporation C12496-046 Datasheet HTML 3Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Cat. No. KIRD1126E01 Feb. 2014 DN
www.hamamatsu.com
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 8152-375-0, Fax: (49) 8152-265-8
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Thorshamnsgatan 35 16440 Kista, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1 int. 6, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
China: Hamamatsu Photonics (China) Co., Ltd.: 1201 Tower B, Jiaming Center, No.27 Dongsanhuan Beilu, Chaoyang District, Beijing 100020, China, Telephone: (86) 10-6586-6006, Fax: (86) 10-6586-2866
Product specifications are subject to change without prior notice due to improvements or other reasons. This document has been carefully prepared and the
information contained is believed to be accurate. In rare cases, however, there may be inaccuracies such as text errors. Before using these products, always
contact us for the delivery specification sheet to check the latest specifications.
Type numbers of products listed in the delivery specification sheets or supplied as samples may have a suffix "(X)" which means preliminary specifications or
a suffix "(Z)" which means developmental specifications.
The product warranty is valid for one year after delivery and is limited to product repair or replacement for defects discovered and reported to us within that
one year period. However, even if within the warranty period we accept absolutely no liability for any loss caused by natural disasters or improper product
use.
Copying or reprinting the contents described in this material in whole or in part is prohibited without our prior permission.
Information described in this material is current as of February, 2014.
3
Infrared detector module with preamp
C12496-046
Cable A4372-02
KIRDA0196EE
2000 ± 100
27
70 ± 10
10 ± 3
Solder processing
Connector: HR10-7P-4P
(made by Hirose Electric)
Connector end
Shielded wire (4 conductors)
Pin connection
Pin no.
+15 V
Lead color
White
GND
Black/white/blue
stranded wire
GND
-15 V
Blue
Tolerance unless otherwise noted: ±1
Precautions
· Always use a dual-polarity (±15 V) power supply to operate this detector. Never use a single-polarity (+15 V or -15 V only) power
supply. Using a single-polarity power supply may cause the amplifier in the detector module to break down.
· Be careful not to apply excessive force to the detector surface. Applying excessive force may damage the light input window. Do not
directly touch the light input window with bare hands. If dust or dirt gets on the window, wipe it gently using ethyl alcohol.
· Do not drop this product or do not apply excessive shock to it.
Related information
∙ Notice
Technical information
∙ Infrared detectors/technical information
Precautions
http://www.hamamatsu.com/sp/ssd/doc_en.html


Numéro de pièce similaire - C12496-046

FabricantNo de pièceFiches techniqueDescription
logo
Hamamatsu Corporation
C12496-046 HAMAMATSU-C12496-046_15 Datasheet
309Kb / 3P
Infrared detector module with preamp
More results

Description similaire - C12496-046

FabricantNo de pièceFiches techniqueDescription
logo
Hamamatsu Corporation
G6121 HAMAMATSU-G6121 Datasheet
196Kb / 2P
Infrared detector module with preamp
G6122 HAMAMATSU-G6122 Datasheet
117Kb / 4P
Infrared detector module with preamp
G7754-01 HAMAMATSU-G7754-01 Datasheet
103Kb / 2P
Infrared detector module with preamp
G6121_ETC_KIRD1035E06 HAMAMATSU-G6121_ETC_KIRD1035E06 Datasheet
174Kb / 3P
Infrared detector module with preamp
G6122_ETC_KIRD1036E13 HAMAMATSU-G6122_ETC_KIRD1036E13 Datasheet
347Kb / 4P
Infrared detector module with preamp
C12492-210 HAMAMATSU-C12492-210 Datasheet
145Kb / 5P
Infrared detector modules with preamp
C12495-311M HAMAMATSU-C12495-311M Datasheet
145Kb / 5P
Infrared detector modules with preamp
C12496-046 HAMAMATSU-C12496-046_15 Datasheet
309Kb / 3P
Infrared detector module with preamp
C12492-210 HAMAMATSU-C12492-210_15 Datasheet
406Kb / 5P
Infrared detector modules with preamp
C12485-210 HAMAMATSU-C12485-210_15 Datasheet
223Kb / 5P
Infrared detector modules with preamp
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com