Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C12495-311M Fiches technique(PDF) 2 Page - Hamamatsu Corporation

No de pièce C12495-311M
Description  Infrared detector modules with preamp
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HAMAMATSU [Hamamatsu Corporation]
Site Internet  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C12495-311M Fiches technique(HTML) 2 Page - Hamamatsu Corporation

  C12495-311M Datasheet HTML 1Page - Hamamatsu Corporation C12495-311M Datasheet HTML 2Page - Hamamatsu Corporation C12495-311M Datasheet HTML 3Page - Hamamatsu Corporation C12495-311M Datasheet HTML 4Page - Hamamatsu Corporation C12495-311M Datasheet HTML 5Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Infrared detector modules with preamp
Thermoelectrically cooled type
2
Electrical and optical characteristics (Typ. Ta=25 °C, Vcc=±15 V, Vp=+2.5 V *2, unless otherwise noted)
Type no.
Element
temper-
ature
Td
Peak
sensitivity
wavelength
λp
Cutoff
wave-
length
Photosensitivity
λ=λp
Noise
equivalent
power
NEP
Frequency
response
-3 dB
(Hz)
Output
impe-
dance
Maximum
output
voltage
RL=1 k
Ω
Supply voltage*3
(V)
Current
consumption
(mA)
(V/W)
(W/Hz1/2)
fcL
fcH
(V)
Vcc, Vee
Vp
Vcc=±15V
Vp
(°C)
(μm)
Min. Typ. Typ. Max. Typ. Max. Min. Typ. (Ω) Min. Typ. Min. Typ. Max. Min. Typ. Max. Typ. Max. Typ. Max.
C12492-210 -28
3.25
3.45 0.8 × 107 1.0 × 107 4.0 × 10-12 1.0 × 10-11 510 80 k 100 k 50 ±12 ±13 ±14.5 ±15 ±15.5 2.4 2.5 3.5 +60,-20 +80,-30 600 1100
C12495-211S -25
3.6
4.3 1.3 × 107 2.0 × 107 2.0 × 10-12 1.0 × 10-11 510 7 k 15 k 50 ±12 ±13 ±14.5 ±15 ±15.5 2.4 2.5 3.5 +60,-16 +80,-25 600 1100
C12495-311M -58
4.8
5.5 0.8 × 107 1.0 × 107 5.0 × 10-12 3.0 × 10-11 510 20 k 35 k 50 ±12 ±13 ±14.5 ±15 ±15.5 4.25 4.5 4.75 +60,-16 +80,-25 600 1100
C12495-111L
-3
6.5
11.5 1.3
2
2.0 × 10-7 1.2 × 10-6 0- 350 k 500 k 50 12 13 ±14.5 ±15 ±15.5 2.4 2.5 3.5 +130,-20 +150,-30 800 1400
*
2: Vp=+2.5 V (C12492-210, C12495-211S), +4.5 V (C12495-311M)
*
3: Vcc=±15 V, Vp1=2.5 V or Vp2=4.5 V
Recommended DC power supply (analog power supply): E3630A (Agilent Technologies)
Current capacity: More than 1.5 times the maximum current consumption
Ripple noise: 5 mVp-p or less (±15 V power supply)
5 mVp-p or less (+2.5 V, +4.5 V power supply)
Spectral response
Wavelength (µm)
(Typ.)
10
8
10
7
10
6
10
5
10
10
10
12
10
11
10
9
234
1
56789
10
11
12
C12492-210 (Td=-28 °C)
C12495-211S (Td=-25 °C)
C12495-311M (Td=-58 °C)
C12495-111L (Td=-3 °C)
KIRDB0551EA


Numéro de pièce similaire - C12495-311M

FabricantNo de pièceFiches techniqueDescription
logo
Hamamatsu Corporation
C12495-311M HAMAMATSU-C12495-311M Datasheet
145Kb / 5P
Infrared detector modules with preamp
C12495-311M HAMAMATSU-C12495-311M Datasheet
145Kb / 5P
Infrared detector modules with preamp
More results

Description similaire - C12495-311M

FabricantNo de pièceFiches techniqueDescription
logo
Hamamatsu Corporation
C12495-311M HAMAMATSU-C12495-311M Datasheet
145Kb / 5P
Infrared detector modules with preamp
C12485-210 HAMAMATSU-C12485-210_15 Datasheet
223Kb / 5P
Infrared detector modules with preamp
C12492-210 HAMAMATSU-C12492-210_15 Datasheet
406Kb / 5P
Infrared detector modules with preamp
C12495-111L HAMAMATSU-C12495-111L Datasheet
145Kb / 5P
Infrared detector modules with preamp
G6122 HAMAMATSU-G6122 Datasheet
117Kb / 4P
Infrared detector module with preamp
G6122_ETC_KIRD1036E13 HAMAMATSU-G6122_ETC_KIRD1036E13 Datasheet
347Kb / 4P
Infrared detector module with preamp
C12496-046 HAMAMATSU-C12496-046 Datasheet
184Kb / 3P
Infrared detector module with preamp
G7754-01 HAMAMATSU-G7754-01 Datasheet
103Kb / 2P
Infrared detector module with preamp
G6121_ETC_KIRD1035E06 HAMAMATSU-G6121_ETC_KIRD1035E06 Datasheet
174Kb / 3P
Infrared detector module with preamp
G6121 HAMAMATSU-G6121 Datasheet
196Kb / 2P
Infrared detector module with preamp
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com