Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C12495-111L Fiches technique(PDF) 1 Page - Hamamatsu Corporation

No de pièce C12495-111L
Description  Infrared detector modules with preamp
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HAMAMATSU [Hamamatsu Corporation]
Site Internet  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C12495-111L Fiches technique(HTML) 1 Page - Hamamatsu Corporation

  C12495-111L Datasheet HTML 1Page - Hamamatsu Corporation C12495-111L Datasheet HTML 2Page - Hamamatsu Corporation C12495-111L Datasheet HTML 3Page - Hamamatsu Corporation C12495-111L Datasheet HTML 4Page - Hamamatsu Corporation C12495-111L Datasheet HTML 5Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Thermoelectrically cooled type
Easy-to-use detector modules with built-in
preamps
Infrared detector modules with preamp
www.hamamatsu.com
1
Infrared detector modules operate just by connecting to DC power supplies. The detector is selectable from among InAs
and MCT, which are all combined with a thermoelectric cooler. We welcome requests for custom devices that suit your
application.
Infrared detection
6-conductor cable for TE-cooled type (for DC power
supply) A4372-07: 2 m (connector installed at one end)
Instruction manual
High S/N
Compact size
Features
Applications
Accessories
Easy to use
Operates just by connecting to DC power supply
Circuit design optimized for detector characteristics
Built-in temperature control circuit
(fixed control temperature)
Structure / Absolute maximum ratings
Type no.
Detector
Photosensitive
area
Absolute maximum ratings
Operating temperature Storage temperature
Supply voltage
Topr
Tstg
Vcc
Vp*1
(mm)
(°C)
(°C)
(V)
(V)
C12492-210
InAs (P10090-21)
φ1
0 to +40
-20 to +50
±18
+5
C12495-211S
MCT (P3981)
1 × 1
+5
C12495-311M
MCT (P2750)
1 × 1
+7
C12495-111L
MCT (P3257-101)
1 × 1
+5
*1: P
ower supply for TE-cooled detector
Note: Exceeding the absolute maximum ratings even momentarily may cause a drop in product quality. Always be sure to use the
product within the absolute maximum ratings.


Numéro de pièce similaire - C12495-111L

FabricantNo de pièceFiches techniqueDescription
logo
Hamamatsu Corporation
C12495-111L HAMAMATSU-C12495-111L Datasheet
145Kb / 5P
Infrared detector modules with preamp
More results

Description similaire - C12495-111L

FabricantNo de pièceFiches techniqueDescription
logo
Hamamatsu Corporation
G6121 HAMAMATSU-G6121 Datasheet
196Kb / 2P
Infrared detector module with preamp
G6122 HAMAMATSU-G6122 Datasheet
117Kb / 4P
Infrared detector module with preamp
G7754-01 HAMAMATSU-G7754-01 Datasheet
103Kb / 2P
Infrared detector module with preamp
G6121_ETC_KIRD1035E06 HAMAMATSU-G6121_ETC_KIRD1035E06 Datasheet
174Kb / 3P
Infrared detector module with preamp
G6122_ETC_KIRD1036E13 HAMAMATSU-G6122_ETC_KIRD1036E13 Datasheet
347Kb / 4P
Infrared detector module with preamp
C12492-210 HAMAMATSU-C12492-210 Datasheet
145Kb / 5P
Infrared detector modules with preamp
C12495-311M HAMAMATSU-C12495-311M Datasheet
145Kb / 5P
Infrared detector modules with preamp
C12496-046 HAMAMATSU-C12496-046 Datasheet
184Kb / 3P
Infrared detector module with preamp
C12492-210 HAMAMATSU-C12492-210_15 Datasheet
406Kb / 5P
Infrared detector modules with preamp
C12485-210 HAMAMATSU-C12485-210_15 Datasheet
223Kb / 5P
Infrared detector modules with preamp
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com